Electronic Components Datasheet Search
  English  ▼

X  

54AC11L Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC11L
Description  Triple 3-Input AND Gate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC11L Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54AC11L Datasheet HTML 1Page - National Semiconductor (TI) 54AC11L Datasheet HTML 2Page - National Semiconductor (TI) 54AC11L Datasheet HTML 3Page - National Semiconductor (TI) 54AC11L Datasheet HTML 4Page - National Semiconductor (TI) 54AC11L Datasheet HTML 5Page - National Semiconductor (TI) 54AC11L Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
54AC11
Triple 3-Input AND Gate
General Description
The ’AC11 contains three 3-input AND gates.
Features
n ICC reduced by 50%
n Outputs source/sink 24 mA
n Standard Military Drawing (SMD)
n ’AC11: 5962-87611
Logic Symbol
Pin Names
Description
A
n,Bn,Cn
Inputs
O
n
Outputs
Connection Diagrams
FACT™ is a trademark of Fairchild Semiconductor Corporation.
IEEE/IEC
DS100262-1
Pin Assignment
for DIP and Flatpak
DS100262-3
Pin Assignment
for LCC
DS100262-2
July 1998
© 1998 National Semiconductor Corporation
DS100262
www.national.com


Similar Part No. - 54AC11L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC11002 TI-54AC11002 Datasheet
67Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
54AC11010 TI1-54AC11010 Datasheet
82Kb / 5P
TRIPLE 3-IMPUT POSITIVE-NAND GATES
54AC11011 TI1-54AC11011 Datasheet
82Kb / 5P
TRIPLE 3-INPUT POSITIVE-AND GATES
54AC11014 TI1-54AC11014 Datasheet
94Kb / 5P
HEX SCHMITT-TRIGGER INVERTERS
54AC11014J TI1-54AC11014J Datasheet
94Kb / 5P
HEX SCHMITT-TRIGGER INVERTERS
More results

Similar Description - 54AC11L

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS15 MOTOROLA-SN54LS15 Datasheet
123Kb / 4P
TRIPLE 3-INPUT AND GATE
logo
NXP Semiconductors
74ALS11A PHILIPS-74ALS11A Datasheet
77Kb / 7P
Triple 3-Input AND gate
1991 Feb 08
logo
STMicroelectronics
M74HC11 STMICROELECTRONICS-M74HC11 Datasheet
177Kb / 8P
TRIPLE 3-INPUT AND GATE
Aug-2001
logo
Fairchild Semiconductor
DM74ALS11A FAIRCHILD-DM74ALS11A Datasheet
46Kb / 4P
Triple 3-Input AND Gate
logo
Hitachi Semiconductor
HD14073B HITACHI-HD14073B Datasheet
49Kb / 4P
Triple 3-input AND Gate
logo
Toshiba Semiconductor
TC74VHC11F TOSHIBA-TC74VHC11F_07 Datasheet
210Kb / 8P
Triple 3-Input AND Gate
logo
Texas Instruments
54F11 TI1-54F11 Datasheet
347Kb / 10P
Triple 3-Input AND Gate
logo
Toshiba Semiconductor
TC74AC11F TOSHIBA-TC74AC11F_12 Datasheet
244Kb / 7P
Triple 3-Input AND Gate
29-Feb-2012
TC74VHC11F TOSHIBA-TC74VHC11F_12 Datasheet
193Kb / 7P
Triple 3-Input AND Gate
29-Feb-2012
logo
Nexperia B.V. All right...
74HCT11-Q100 NEXPERIA-74HCT11-Q100 Datasheet
228Kb / 11P
Triple 3-input AND gate
Rev. 4 - 11 August 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com