Electronic Components Datasheet Search
  English  ▼

X  

AH3776 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AH3776
Description  HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH3776 Datasheet(HTML) 3 Page - Diodes Incorporated

  AH3776 Datasheet HTML 1Page - Diodes Incorporated AH3776 Datasheet HTML 2Page - Diodes Incorporated AH3776 Datasheet HTML 3Page - Diodes Incorporated AH3776 Datasheet HTML 4Page - Diodes Incorporated AH3776 Datasheet HTML 5Page - Diodes Incorporated AH3776 Datasheet HTML 6Page - Diodes Incorporated AH3776 Datasheet HTML 7Page - Diodes Incorporated AH3776 Datasheet HTML 8Page - Diodes Incorporated AH3776 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AH3776
Document number: DS38230 Rev. 1 - 2
3 of 13
www.diodes.com
September 2015
© Diodes Incorporated
AH3776
Absolute Maximum Ratings (Notes 5 & 6) (@TA = +25°C, unless otherwise specified.)
Symbol
Characteristic
Value
Unit
VDD
Supply Voltage (Note 6)
32
V
VDDR
Reverse Supply Voltage
-32
V
VOUT_MAX
Output Off Voltage (Note 6)
32V
V
IOUT
Continuous Output Current
60
mA
IOUT_R
Reverse Output Current
-50
mA
B
Magnetic Flux Density
Unlimited
PD
Package Power Dissipation
SIP-3
550
mW
SOT23
230
Ts
Storage Temperature Range
-65 to +165
°C
TJ
Maximum Junction Temperature
+150
°C
ESD
Electrostatic Discharge Withstand Capability - Human Body Model
6
kV
Notes:
5. Stresses greater than the 'Absolute Maximum Ratings' specified above may cause permanent damage to the device. These are stress ratings only;
functional operation of the device at these or any other conditions exceeding those indicated in this specification is not implied. Device reliability may be
affected by exposure to absolute maximum rating conditions for extended periods of time.
6. The absolute maximum VDD of 32V is a transient stress rating and is not meant as a functional operating condition. It is not recommended to
operate the device at the absolute maximum rated conditions for any period of time.
Recommended Operating Conditions (@TA = -40°C to +125°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Rating
Unit
VDD
Supply Voltage
Operating
3.0 to 28
V
TA
Operating Temperature Range
Operating
-40 to +125
°C
Electrical Characteristics (Notes 7 & 8) (@TA = -40°C to +125°C, VDD = 3V to 28V, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
mW
Output ON Voltage
IOUT = 20mA, B > BOP
-
0.2
0.4
V
IOUT_OFF
Output Leakage Current
VOUT = 28V, B < BRP, Output off
-
<0.1
10
µA
IDD
Supply Current
Output open, TA = +25C
-
3
-
mA
Output open, TA = -40°C to +125°C
-
-
4
mA
IDD_R
Reverse Battery Current
VDD = -18V, TA = -40°C to +125°C
-
-0.01
1
mA
VDD = -28V, TA = -40°C to +125°C
-
-0.01
1.5
mA
tST
Device Start-Up Time
VDD >= 3V, B > BOP (Note 7)
-
10
µs
fc
Chopping Frequency
VDD = 3V to 28V
-
800
-
kHz
td
The time delay from magnetic
threshold reached to the start of the
output rise or fall
(Note 9)
-
3.75
-
µs
tr
Output Rising Time
(external pull-up resistor RL and load
capacitance dependent)
RL =1kΩ, CL = 20pF
-
0.2
1
µs
tf
Output Falling Time
(Internal switch resistance and load
capacitance dependent)
RL =1kΩ, CL = 20pF
-
0.1
1
µs
IOCL
Output Current Limit
B>BOP, (Note 10 )
30
-
55
mA
VZ
Zener Clamp Voltage
IDD = 5mA
28
-
-
V
Notes:
7. When power is initially turned on, VDD must be within its correct operating range (3.0V to 28V) to guarantee the output sampling. The output state is valid
after the start-up time of 10µs typical from the operating voltage reaching 3V.
8. Typical values are defined at TA = +25C, VDD = 12V. Maximum and minimum values over the operating temperature range is not tested in production
but guaranteed by design, process control and characterization.
9. Guaranteed by design, process control and characterization. Not tested in production.
10. The device will limit the output current IOUT to current limit of IOCL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com