Electronic Components Datasheet Search
  English  ▼

X  

H267 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # H267
Description  Safety Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

H267 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  H267 Datasheet HTML 1Page - List of Unclassifed Manufacturers H267 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.schneider-electric.us
© 2009 Schneider Electric
All Rights Reserved
3-5
Heavy Duty Safety Switches
600 Volt
Class 3110
Class H Fuse Provisions:
Fusible Square D 30 through 600 A heavy duty safety switches accept Class H fuses as standard. With Class H fuses
installed, the switch is UL Listed for use on systems with up to 10 kA available fault current.
Class R Fuse Provisions:
Fusible Square D 30–600 A heavy duty safety switches will accept Class R fuses as standard. A field-installed rejection
kit is available which, when installed, rejects all but Class R fuses. With the installation of the rejection kit and Class R
fuses, the switch is UL Listed for use on systems with up to 200 kA available fault current. See Class R fuse kits on
page 3-11.
Class J Fuse Provisions:
Provisions for installing Class J fuses are included in 30 through 400 A 600 Volt, and 100 through 400 A 240 Volt,
fusible heavy duty safety switches. Conversion to Class J fuse spacing requires relocating the load side fuse base
assembly from the standard Class H fuse location to an alternate position as marked in the enclosure. With Class J
fuses installed, the switch is UL Listed for use on systems with up to 200 kA available fault current. Switches rated
600 A, 240 or 600 Volt, require the addition of an adapter kit, H600J at $456. One kit per 3P switch.
Class L Fuse Provisions:
Fusible 800 A and 1200 A safety switches use Class L bolt-in fuses and are rated for use on systems with up to 200 kA
at 600 Vac maximum. 1200 A switches accept class L fuses from 601–1200 A, 800 A switches accept class L fuses
from 601–800 A.
Accessories: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .pages 3-11 through 3-13
Dimensions: NEMA 1 and 3R . . . . . . . . . . . . . . . . . . . . . . . . . . . . .page 3-14
Dimensions: NEMA 4, 4X and 5 . . . . . . . . . . . . . . . . . . . . . . . . . . .page 3-15
Table 3.9:
600 Volts—Single Throw Fusible
System
Amperes
NEMA 1
Indoor
NEMA 3R
Rainproof
(Bolt-on Hubs,
page 3-11)
NEMA 4, 4X, 5a
304 Stainless Steel
(for 316 stainless, see
page 3-7) Dust tight,
Watertight, Corrosion
Resistant
(Watertight Hubs, page 3-11)
NEMA 12K
With Knockouts
(Watertight Hubs,
page 3-11)
NEMA 12, 3Rb
Without Knockouts
(Watertight Hubs,
page 3-11)
Horsepower Ratingsc
480 Vac
600 Vac
dce
Std.
(Using
Fast
Acting,
One Time
Fuses)
Max.
(Using
Dual
Element,
Time
Delay
Fuses)
Std.
(Using
Fast
Acting,
One
Time
Fuses)
Max.
(Using
Dual
Element,
Time
Delay
Fuses)
Cat. No.
$ Price
Cat. No.
$ Price
Cat. No.
$ Price
Cat. No.
$ Price
Cat. No.
$ Price
3Ø
3Ø
3Ø
3Ø
250 600
2-Wire (2 Blades and Fuseholders)—600 Vac, 600 Vdc
30
Use three-wire devices
for two-wire applications
—
———
—
—
60
—
———
—
—
100
—
———
—
—
200
—
———
—
—
400
H265
4206.00
H265R
5424.00
H265DS
14961.00
—
—
H265AWK
5025.00
100 d
250 d
——
50
50
600
H266
6653.00
H266R
10686.00
H266DS
21399.00
—
—
H266AWK
7341.00
150 d
400 d
——
50
50
800
H267
10365.00
H267Rg 16385.00
—
—
—
—
H267AWK
15276.00
—
—
—
—
50
50
1200
H268
14570.00
H268Rg 17991.00
—
—
—
—
H268AWK
18044.00
—
—
—
—
50
50
3-Wire (3 Blades and Fuseholders)—600 Vac, 600 Vdc e
30
H361
528.00
H361RB
899.00
H361DS
2520.00
H361A
1014.00
H361AWK
956.00
515
7-1/2
20
5
15
30
H361-2f
617.00 H3612RBf 1049.00
—
—
H361-2A f 1035.00 H3612AWKf
977.00
515
7-1/2
20
—
15
60
H362
638.00
H362RB
1055.00
H362DS
2771.00
H362A
1047.00
H362AWK
984.00
15
30
15
50
—
30
100
H363
1188.00
H363RB
1644.00
H363DS
5493.00
H363A
1626.00
H363AWK
1539.00
25
60
30
75
—
50
200
H364
1707.00
H364RB
2259.00
H364DS
7685.00
H364A
2544.00
H364AWK
2400.00
50
125
60
150
40
50
400
H365
4551.00
H365R
5532.00
H365DS
15321.00
—
—
H365AWK
5462.00
100
250
125
350
50
50
600
H366
7649.00
H366R
10899.00
H366DS
21084.00
—
—
H366AWK
9203.00
150
400
200
500
50
50
800
H367
13319.00
H367R g 16500.00
—
—
—
—
H367AWK
16352.00
200
500
250
500
50
50
1200
H368
17507.00
H368Rg 20009.00
—
—
—
—
H368AWK
19706.00
200
500
250
500
50
50
4-Wire (3 Blades and Fuseholders, 1 Neutral)—600 Vac, 600 Vdce
30
H361N
617.00 H361NRB
986.00
Use three-wire devices field-installed solid neutral
assemblies. Order separately. See page 3-12.
515
7-1/2
20
—
15
60
H362N
710.00 H362NRB
1134.00
15
30
15
50
—
30
100
H363N
1278.00 H363NRB
1737.00
25
60
30
75
—
50
200
H364N
1869.00 H364NRB
2408.00
H364NDS
7871.00
H364NA
2715.00
H364NAWK
2558.00
50
125
60
150
40
50
400
H365N
4898.00
H365NR
5765.00
H365NDS
15668.00
—
—
H365NAWK
5823.00
100
250
125
350
50
50
600
H366N
8019.00
H366NR
11054.00
H366NDS
22122.00
—
—
H366NAWK
9600.00
150
400
200
500
50
50
800
H367N 14043.00 H367NRg 17205.00
—
—
—
—
H367NAWK 17253.00
200
500
250
500
50
50
1200
H368N 18114.00 H368NRg 20993.00
—
—
—
—
H368NAWK 20820.00
200
500
250
500
50
50
4-Wire (4 Blades and Fuseholders)—600 Vac, 600 Vdch
2Ø
2Ø
2Ø
2Ø
30
H461
914.00
—
—
H461DS
2937.00
—
—
H461AWK
1115.00
7-1/2
20
10
25
5
15
60
H462
1065.00
—
—
H462DS
3069.00
—
—
H462AWK
1257.00
15
40
20
50
10
30
100
H463
1778.00
—
—
H463DS
8345.00
—
—
H463AWK
1932.00
25
50
30
75
20
30
200
H464
2957.00
—
—
H464DS
12596.00
—
—
H464AWK
3222.00
50
—
50
—
40
50
400
H465
6210.00
—
—
—
—
—
—
H465AWK
6807.00
100
250
125
350
50
50
600
H466
10104.00
—
—
—
—
—
—
—
—
150
400
200
500
50
50
6-Wire (6 Blades and Fuseholders)—600 Vac h
3Ø
3Ø
3Ø
3Ø
100
——
—
—
H663DS
25964.00
—
—
H663AWK
5112.00
25
60
30
75
——
200
——
—
—
H664DS
35393.00
—
—
H664AWK
12222.00
For applications requiring motor disconnect
capability, use electrical interlock. Refer to page 3-11.
a
Complete rating is NEMA 3, 3R, 4, 4X, 5 and 12.
b
Also suitable for NEMA 3R application by removing drain screw from bottom endwall.
c
Refer to page 7-35 for additional motor application data. The starting current of motors of more than standard horsepower may require the use of fuses with appropriate time delay
characteristics.
d
For corner grounded delta systems only and with neutral assembly installed. Use switching poles for ungrounded conductors.
e
On 3P devices, use two outside poles for switching dc.
f
60 A switch with 30 A fuse spacing and clips. Must use 60 A enclosure accessories including electrical interlocks.
g
Suitable for NEMA 5 applications with drain screw installed.
h
Not suitable for use as service equipment.
Class R Fuse
DE1
Discount
Schedule



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com