Electronic Components Datasheet Search
  English  ▼

X  

OPA548 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA548
Description  High-Voltage, High-Current Operational Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA548 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA548 Datasheet HTML 9Page - Texas Instruments OPA548 Datasheet HTML 10Page - Texas Instruments OPA548 Datasheet HTML 11Page - Texas Instruments OPA548 Datasheet HTML 12Page - Texas Instruments OPA548 Datasheet HTML 13Page - Texas Instruments OPA548 Datasheet HTML 14Page - Texas Instruments OPA548 Datasheet HTML 15Page - Texas Instruments OPA548 Datasheet HTML 16Page - Texas Instruments OPA548 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
OPA548
www.ti.com
SBOS070C – OCTOBER 1997 – REVISED JUNE 2015
Feature Description (continued)
8.3.2 Enable/Status (E/S) Pin
The Enable/Status pin provides two functions: forcing this pin LOW disables the output stage, or E/S can be
monitored to determine if the OPA548 is in thermal shutdown. One or both of these functions can be used on the
same device using single or dual supplies. For normal operation (output enabled), the E/S pin can be left open or
pulled HIGH (at least 2.4 V more than the negative rail). A small value capacitor connected between the E/S pin
and V– may be required for noisy applications.
8.3.3 Thermal Shutdown Status
Internal thermal shutdown circuitry shuts down the output when the die temperature reaches approximately
160°C, resetting when the die has cooled to 140°C. The E/S pin can be monitored to determine if shutdown has
occurred. During normal operation the voltage on the E/S pin is typically 3.5 V more than the negative rail. Once
shutdown has occurred, this voltage drops to approximately 350 mV more than the negative rail.
8.4 Device Functional Modes
8.4.1 Output Disable
A unique feature of the OPA548 is its output disable capability. This function not only conserves power during
idle periods (quiescent current drops to approximately 6 mA), but also allows multiplexing in low frequency (f <
20 kHz), multichannel applications. Signals greater than 20 kHz may cause leakage current to increase in
devices that are shutdown. Figure 33 shows the two OPA548s in a switched amplifier configuration. The ON/OFF
state of the two amplifiers is controlled by the voltage on the E/S pin.
To disable the output, the E/S pin is pulled LOW, no greater than 0.8 V more than the negative rail. Typically the
output is shutdown in 1
μs. Figure 23 provides an example of how to implement this function using a single
supply. Figure 24 gives a circuit for dual-supply applications. To return the output to an enabled state, the E/S pin
should be disconnected (open) or pulled to at least (V–) + 2.4 V. It should be noted that pulling the E/S pin HIGH
(output enabled) does not disable internal thermal shutdown.
Figure 23. Output Disable With a Single Supply
Figure 24. Output Disable With Dual Supplies
Copyright © 1997–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: OPA548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com