Electronic Components Datasheet Search
  English  ▼

X  

OPA548F Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA548F
Description  High-Voltage, High-Current Operational Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA548F Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA548F Datasheet HTML 8Page - Texas Instruments OPA548F Datasheet HTML 9Page - Texas Instruments OPA548F Datasheet HTML 10Page - Texas Instruments OPA548F Datasheet HTML 11Page - Texas Instruments OPA548F Datasheet HTML 12Page - Texas Instruments OPA548F Datasheet HTML 13Page - Texas Instruments OPA548F Datasheet HTML 14Page - Texas Instruments OPA548F Datasheet HTML 15Page - Texas Instruments OPA548F Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
CL
LIM
(15000)(4.75)
R
13750
I
=
-
W
Differential
Amplifier
Voltage
Amplifier
High Current
Output Stage
Biasing
Current Limiting
Enable/Disable
Alarms
E/S
ILIM
V-IN
V+IN
V-
V+
VO
OPA548
SBOS070C – OCTOBER 1997 – REVISED JUNE 2015
www.ti.com
8 Detailed Description
8.1 Overview
The OPA548 device uses a PNP input stage (resulting in negative bias currents at each input) without input bias
current compensation so matched resistances on the inputs will reduce errors. After the main voltage gain stage
is the high current output stage with temperature compensated class A/B biasing to reduce crossover distortion.
Local feedback in the output stage may require additional compensation for highly reactive loads (see Output
Stage Compensation).
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Adjustable Current Limit
The OPA548 features an accurate, user-selected current limit. The current limit is set from 0 A to 5 A by
controlling the input to the ILIM pin. Unlike other designs, which use a power resistor in series with the output
current path, the OPA548 senses the load indirectly. This allows the current limit to be set with a 0-
μA to 330-μA
control signal. In contrast, other designs require a limiting resistor to handle the full output current (5 A in this
case).
With the OPA548, the simplest method for adjusting the current limit uses a resistor or potentiometer connected
between the ILIM pin and V– according to the Equation 1:
(1)
The low-level control signal (0
μA to 330 μA) also allows the current limit to be digitally controlled.
See Figure 41 for a simplified schematic of the internal circuitry used to set the current limit. Leaving the ILIM pin
open programs the output current to zero, while connecting ILIM directly to V– programs the maximum output
current limit, typically 5 A.
12
Submit Documentation Feedback
Copyright © 1997–2015, Texas Instruments Incorporated
Product Folder Links: OPA548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com