Electronic Components Datasheet Search
  English  ▼

X  

CPT112S Datasheet(PDF) 26 Page - Silicon Laboratories

Part # CPT112S
Description  No firmware development required
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CPT112S Datasheet(HTML) 26 Page - Silicon Laboratories

Back Button CPT112S Datasheet HTML 22Page - Silicon Laboratories CPT112S Datasheet HTML 23Page - Silicon Laboratories CPT112S Datasheet HTML 24Page - Silicon Laboratories CPT112S Datasheet HTML 25Page - Silicon Laboratories CPT112S Datasheet HTML 26Page - Silicon Laboratories CPT112S Datasheet HTML 27Page - Silicon Laboratories CPT112S Datasheet HTML 28Page - Silicon Laboratories CPT112S Datasheet HTML 29Page - Silicon Laboratories CPT112S Datasheet HTML 30Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
5. Pin Definitions
2
3
4
5
15
14
13
12
20 pin QFN
(Top View)
CS01
CS00
GND
VDD
RSTb /
Config Clk
Config Data
CS06
CS07
CS08
CS09
GND
CS10
GND
1
6
11
16
Figure 5.1. CPT112S Pinout
Table 5.1. Pin Definitions for CPT112S-QFN20
Pin
Number
Pin Name
Description
1
CS01
Analog input
Capactive sensing input 1
2
CS00
Analog input
Capacitive sensing input 0
3
GND
Ground
4
VDD
Supply power input
5
RSTb /
Config Clk
Active-low reset /
Configuration clock
6
Config Data
Configuration data
CPT112S Data Sheet
Pin Definitions
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.1 | 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com