Electronic Components Datasheet Search
  English  ▼

X  

HPI-2C Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # HPI-2C
Description  PIN Photodiode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

HPI-2C Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  HPI-2C Datasheet HTML 1Page - KODENSHI_AUK CORP. HPI-2C Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 1-
HPI-2C・HPI-2CR2
PIN Photodiode
KODENSHI
The HPI-2C is a high-speed, high-output silicon
PIN photodiode, mounted in a low profile ceramic
package. The HPI-2CR2 photodiode, with daylight
filter, is available in the same package.
FEATURES
•High-output power
•High-speed response
•Low dark current
•Thin ceramic package (t=1.5mm)
APPLICATIONS
•Fiber optic communications
•Optical switches
Rating
Symbol
Item
MAXIMUM RATINGS
Reverse voltage
Power dissipation
Operating temp.
Storage temp.
Soldering temp. *1
VR
PD
Topr.
Tstg.
Tsol.
20
100
-20~+70
-40~+80
260
V
mW
℃
℃
℃
Unit
(Ta=25℃)
*1.For MAX.5 seconds at the position of 2 mm from the package
*2.Color temp.=2856K standard Tungsten lamp
0.55
0.1
Open circuit voltage
Short circuit current
Sensitivity
Dark current
Curve factor
Capacitance
Temperature coefficient of VOC
Temperature coefficient of ISC
Spectral sensitivity
Peak wavelength
Half angle
(Ta=25℃)
ELECTRO-OPTICAL CHARACTERISTICS
EV=1,000lx*2
VR=5V
V=0V, f=1MHz
Item
Typ.
Typ.
VOC
ISC
S
Id
C.F.
Ct
αt
βt
λ
λp
Δθ
0.55
450~1,050
700~1,050
0.38
14
0.4
20
-2.2
0.18
920
±60
0.3
12
0.4
20
-2.2
0.18
940
±60
0.1
V
μA
A/W
μA
-
pF
mV/℃
%/℃
nm
nm
deg.
Symbol
Conditions
Min.
HPI-2C
HPI-2CR2
Min.
Max.
Max.
Unit.
DIMENSIONS
(Unit : mm)
HPI-2CR2
HPI-2C


Similar Part No. - HPI-2C

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
HPI-210 KODENSHI-HPI-210 Datasheet
188Kb / 2P
PIN Photodiode
HPI-23G KODENSHI-HPI-23G Datasheet
189Kb / 2P
PIN Photodiode
HPI-2464 KODENSHI-HPI-2464 Datasheet
224Kb / 2P
PIN Photodiode
HPI-2464R5 KODENSHI-HPI-2464R5 Datasheet
224Kb / 2P
PIN Photodiode
More results

Similar Description - HPI-2C

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PNA3602L PANASONIC-PNA3602L Datasheet
41Kb / 2P
PIN Photodiode
PNZ3108 PANASONIC-PNZ3108 Datasheet
44Kb / 2P
PIN Photodiode
PNZ330CL PANASONIC-PNZ330CL Datasheet
81Kb / 3P
PIN Photodiode
PNZ331CL PANASONIC-PNZ331CL Datasheet
53Kb / 3P
PIN Photodiode
logo
Unity Opto Technology
MID-A841G UOT-MID-A841G Datasheet
30Kb / 2P
PIN PHOTODIODE
logo
KODENSHI_AUK CORP.
HPI-6FER2 KODENSHI-HPI-6FER2 Datasheet
200Kb / 2P
PIN Photodiode
HPI-6FGR4 KODENSHI-HPI-6FGR4 Datasheet
200Kb / 2P
PIN Photodiode
HPI-6FH KODENSHI-HPI-6FH Datasheet
200Kb / 2P
PIN Photodiode
HPI-2464 KODENSHI-HPI-2464 Datasheet
224Kb / 2P
PIN Photodiode
logo
Panasonic Semiconductor
PNZ335 PANASONIC-PNZ335 Datasheet
56Kb / 3P
PIN Photodiode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com