Electronic Components Datasheet Search
  English  ▼

X  

AMS3108 Datasheet(PDF) 8 Page - Advanced Monolithic Systems Ltd

Part # AMS3108
Description  Micropower 700mA Low Noise Fast Transient Response LDO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS3108 Datasheet(HTML) 8 Page - Advanced Monolithic Systems Ltd

Back Button AMS3108 Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS3108 Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS3108 Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS3108 Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS3108 Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS3108 Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS3108 Datasheet HTML 8Page - Advanced Monolithic Systems Ltd AMS3108 Datasheet HTML 9Page - Advanced Monolithic Systems Ltd AMS3108 Datasheet HTML 10Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AMS3108
Micropower 700mA Low Noise Fast Transient Response LDO
02/11/2010
www.advanced-monolithic.com
Phone (925) 443-0722
8
Fax (925) 443-0723
PCB Layout
The following guidelines should be followed to insure
proper layout.
1. VIN Capacitor. A low ESR ceramic bypass
capacitor must be placed as close to the IC as
possible.
2. Adjustable (ADJ) Feedback Resistors. The
adjustable feedback resistors should be placed as
close as possible the IC. Minimize the length of
the trace from the feedback pin to the resistors.
This is a high impedance node susceptible to
interference from external RF noise sources.
3. Ground.
4. For good thermal performance vias are required
to couple the exposed tab of the SO-8 package to
the PCB ground plane. The via diameter should
be 0.3mm to 0.33mm positioned on a 1.2mm grid.
Output Power and Thermal Limits
The AMS3108 junction temperature and current
capability depends on the internal dissipation and the
junction to case thermal resistance of the SO-8
exposed paddle package.
Additionally, the paddle and PCB temperature will be
elevated due to the total losses of the LDO and of
other circuits mounted to the PCB.
Tjmax = Pd·θjc + Tpcb + Tamb
The internal losses contribute to the junction
temperature rise above the paddle and PCB
temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com