Electronic Components Datasheet Search
  English  ▼

X  

LIA135 Datasheet(PDF) 11 Page - IXYS Corporation

Part # LIA135
Description  Low Voltage Optically Isolated Error Amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LIA135 Datasheet(HTML) 11 Page - IXYS Corporation

Back Button LIA135 Datasheet HTML 5Page - IXYS Corporation LIA135 Datasheet HTML 6Page - IXYS Corporation LIA135 Datasheet HTML 7Page - IXYS Corporation LIA135 Datasheet HTML 8Page - IXYS Corporation LIA135 Datasheet HTML 9Page - IXYS Corporation LIA135 Datasheet HTML 10Page - IXYS Corporation LIA135 Datasheet HTML 11Page - IXYS Corporation LIA135 Datasheet HTML 12Page - IXYS Corporation LIA135 Datasheet HTML 13Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
INTEGRATED CIRCUITS DIVISION
LIA135 / LIA13
R01
www.ixysic.com
11
4. Manufacturing Information
4.1 Moisture Sensitivity
All plastic encapsulated semiconductor packages are susceptible to moisture ingression. IXYS Integrated
Circuits Division classified all of its plastic encapsulated devices for moisture sensitivity according to the
latest version of the joint industry standard, IPC/JEDEC J-STD-020, in force at the time of product
evaluation. We test all of our products to the maximum conditions set forth in the standard, and guarantee
proper operation of our devices when handled according to the limitations and information in that standard as well as
to any limitations set forth in the information or standards referenced below.
Failure to adhere to the warnings or limitations as established by the listed specifications could result in reduced
product performance, reduction of operable life, and/or reduction of overall reliability.
This product carries a Moisture Sensitivity Level (MSL) rating as shown below, and should be handled according to
the requirements of the latest version of the joint industry standard IPC/JEDEC J-STD-033.
4.2 ESD Sensitivity
This product is ESD Sensitive, and should be handled according to the industry standard JESD-625.
4.3 Soldering Profile
Provided in the table below is the Classification Temperature (TC) of this product and the maximum dwell time the
body temperature of this device may be above (TC - 5)ºC. The classification temperature sets the Maximum Body
Temperature allowed for this device during lead-free reflow processes.
4.4 Board Wash
IXYS Integrated Circuits Division recommends the use of no-clean flux formulations. Board washing to reduce or
remove flux residue following the solder reflow process is acceptable provided proper precautions are taken to
prevent damage to the device. These precautions include but are not limited to: using a low pressure wash and
providing a follow up bake cycle sufficient to remove any moisture trapped within the device due to the washing
process. Due to the variability of the wash parameters used to clean the board, determination of the bake temperature
and duration necessary to remove the moisture trapped within the package is the responsibility of the user
(assembler). Cleaning or drying methods that employ ultrasonic energy may damage the device and should not be
used. Additionally, the device must not be exposed to flux or solvents that are Chlorine- or Fluorine-based.
Device
Moisture Sensitivity Level (MSL) Rating
LIA135 / LIA136 All versions
MSL 1
Device
Maximum Body Temperature (Tc) x Time
Maximum Reflow Cycles
LIA135 / LIA136 All versions
250°C for 30 seconds
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com