Electronic Components Datasheet Search
  English  ▼

X  

M2BJ Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # M2BJ
Description  Buzzer Unit Series with Cylindrical 22-mm 횞 16-dia. Body
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

M2BJ Datasheet(HTML) 2 Page - Omron Electronics LLC

  M2BJ Datasheet HTML 1Page - Omron Electronics LLC M2BJ Datasheet HTML 2Page - Omron Electronics LLC M2BJ Datasheet HTML 3Page - Omron Electronics LLC M2BJ Datasheet HTML 4Page - Omron Electronics LLC M2BJ Datasheet HTML 5Page - Omron Electronics LLC M2BJ Datasheet HTML 6Page - Omron Electronics LLC M2BJ Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
M2BJ
2
Ordering Information
*1. High-sound models incorporate an LED, which lights when the Buzzer sounds.
*2. Refer to “Short-circuiting Jumper (M2BJ-BTH)” on page 5 for the insert direction of the jumper.
External Signal Selection Model
(M2BJ-BH24D-DA)
• An external signal selection model is also available. With this model, it is possible to switch between continuous and intermittent sound using an
external signal instead of the jumper.
Appearance
Standard sound
High sound
*1
w/jumper direction A
*2 Intermittent
Intermittent
(short)
Intermittent
(high-pitched)
Intermittent
(short, high-pitched)
Intermittent
(high-pitched)
Intermittent
(short)
w/jumper direction B
*2
(w/o jumper)
Supply voltage
Continuous
Intermittent
(long)
Continuous
(high-pitched)
Intermittent
(long, high-pitched)
Continuous
Intermittent
(long)
6 VAC/VDC
Model
M2BJ-B06
M2BJ-B06A
M2BJ-B06B
M2BJ-B06C
M2BJ-BH06D
M2BJ-BH06E
12 to 24 VAC/VDC
M2BJ-B24
M2BJ-B24A
M2BJ-B24B
M2BJ-B24C
M2BJ-BH24D
M2BJ-BH24E
12 to 24 VDC
M2BJ-B24-D
---
M2BJ-B24B-D
---
M2BJ-BH24D-D M2BJ-BH24E-D
SW
A
B
M2BJ-BH24D-DA
• SW:
When A direction is ON (terminals 1, 2 ON): intermittent sound
When B direction is ON (terminals 2, 3 ON): continuous sound
Note: 1. Ensure that voltage is not applied simultaneously between terminals 1, 2, and 3.
2. Check the power supply polarity. Connecting with the polarity reversed may result in damage.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com