Electronic Components Datasheet Search
  English  ▼

X  

NF22E Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # NF22E
Description  Contactor Relays
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NF22E Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button NF22E Datasheet HTML 3Page - List of Unclassifed Manufacturers NF22E Datasheet HTML 4Page - List of Unclassifed Manufacturers NF22E Datasheet HTML 5Page - List of Unclassifed Manufacturers NF22E Datasheet HTML 6Page - List of Unclassifed Manufacturers NF22E Datasheet HTML 7Page - List of Unclassifed Manufacturers NF22E Datasheet HTML 8Page - List of Unclassifed Manufacturers NF22E Datasheet HTML 9Page - List of Unclassifed Manufacturers NF22E Datasheet HTML 10Page - List of Unclassifed Manufacturers NF22E Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
6 | ABB
Contact Utilization Characteristics according to IEC
Contactor relay types
NF
Standards
IEC 60947-1 / 60947-5-1 and EN 60947-1 / 60947-5-1
Rated operational voltage Ue max.
690 V
Conventional free-air thermal current Ith
θ ≤ 40 °C
16 A
Rated frequency limits
25 ... 400 Hz
Rated operational current Ie / AC-15
acc. to IEC 60947-5-1
24-127 V 50/60 Hz
6 A
220-240 V 50/60 Hz
4 A
400-440 V 50/60 Hz
3 A
500 V 50/60 Hz
2 A
690 V 50/60 Hz
2 A
Making capacity AC-15
10 x Ie AC-15 acc. to IEC 60947-5-1
Breaking capacity AC-15
10 x Ie AC-15 acc. to IEC 60947-5-1
Rated operational current Ie / DC-13
acc. to IEC 60947-5-1
24 V DC
6 A / 144 W
48 V DC
2.8 A / 134 W
72 V DC
1 A / 72 W
110 V DC
0.55 A / 60 W
125 V DC
0.55 A / 69 W
220 V DC
0.27 A / 60 W
250 V DC
0.27 A / 68 W
400 V DC
0.15 A / 60 W
500 V DC
0.13 A / 65 W
600 V DC
0.1 A / 60 W
Short-circuit protection gG type fuse
10 A
Rated short-time withstand current Icw
for 1.0 s
100 A
for 0.1 s
140 A
Minimum switching capacity
12 V / 3 mA
with failure rate acc. to IEC 60947-5-4
10-7
Non-overlapping time between N.O. and N.C. contacts
≥ 2 ms
Heat dissipation per pole at 6 A
0.1 W
Max. electrical switching frequency
AC-15
1200 cycles/h
DC-13
900 cycles/h
Main Pole - Utilization Characteristics according to UL / CSA
Contactor relay types
NF
Standards
UL 508, CSA C22.2 N°14
Rated insulation voltage Ui
600 V
Max. rated voltage
600 V AC, 600 V DC
Pilot duty
A600, Q600
AC thermal rated current
10 A
AC maximum volt-ampere making
7200 VA
AC maximum volt-ampere breaking
720 VA
DC thermal rated current
2.5 A
DC maximum volt-ampere making-breaking
69 VA
NF Contactor Relays
Technical Data
1SBC 101 110 S0201
Catalogue Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com