Electronic Components Datasheet Search
  English  ▼

X  

K4N31 Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # K4N31
Description  Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

K4N31 Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  K4N31 Datasheet HTML 1Page - KODENSHI_AUK CORP. K4N31 Datasheet HTML 2Page - KODENSHI_AUK CORP. K4N31 Datasheet HTML 3Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Photocoupler
ELECTRO-OPTICAL CHARACTERISTICS
(Ta=25℃
, unless otherwise noted)
IF=10mA
VR=5V
V=0, f=1MHz
IC=1mA
IE=0.1mA
IC=0.1mA
IF=0, VCE=10V
VCE=0, f=1MHz
IF=50mA, IC=2mA
V=0, f=1MHz
VCC=10V, RL=100Ω
IC=50mA, IF=200mA
*4. CTR=(IC/IF) X 100 (%)
CTR
IF=10mA, VCE=10V
RH=40~60%, V=500V
BVCEO
VCE(SAT)
BVECO
BVCBO
Coupled
Turn-on Time
Turn-off Time
Condition
toff
CT
-
30
50
-
10
11
-
-
10
-
Typ.
1.15
V
K4N31
Parameter
Min.
-
Unit.
pF
-
-
1.2
-
-
℃
-
-
Max.
1.30
-
-
Symbol
VF
-
ton
-
RIO
-
1
-
30
-
-
-
㎲
-
㎲
pF
%
V
pF
V
V
V
30
-
-
-
5
Input
Output
Forward Voltage
Capacitance
Collector-Emitter Breakdown Voltage
Emitter-Collector Breakdown Voltage
CCE
CIO
Collector-Base Breakdown Voltage
Input-Output Isolation Resistance
Input-Output Capacitance
Capacitance
Current Transfer Ratio
*4
Collector-Emitter Saturation Voltage
IR
-
-
10
㎂
Collector Dark Current
ICEO
-
-
100
nA
Reverse Current
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com