Electronic Components Datasheet Search
  English  ▼

X  

OETL-NF2000SW Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # OETL-NF2000SW
Description  Disconnect switches Non-fusible Fusible
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OETL-NF2000SW Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  OETL-NF2000SW Datasheet HTML 1Page - List of Unclassifed Manufacturers OETL-NF2000SW Datasheet HTML 2Page - List of Unclassifed Manufacturers OETL-NF2000SW Datasheet HTML 3Page - List of Unclassifed Manufacturers OETL-NF2000SW Datasheet HTML 4Page - List of Unclassifed Manufacturers OETL-NF2000SW Datasheet HTML 5Page - List of Unclassifed Manufacturers OETL-NF2000SW Datasheet HTML 6Page - List of Unclassifed Manufacturers OETL-NF2000SW Datasheet HTML 7Page - List of Unclassifed Manufacturers OETL-NF2000SW Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Disconnect switches - Nonfusible & fusible | 5
Lowered install costs
Traditional
switches
ABB
switches
Cost reduction
Switches
Accessories
Installation
Space
Flexible installation & mounting options
Mount the switch based on your specific panel requirements. Simply
install the handle on the door, in line with the switch. The switch and
handle are mechanically linked through an easy to install shaft, allowing
fast and flexible installation into various panel depths and configurations.
• Door mounting 16 A - 100 A
• DIN rail mounting 16 A - 100 A
• Base mount with screws 16 A - 3150 A
UL98 / IEC
IEC
Catalog number
3 pole
OT200U03
OT400UO3
OT600U03
OT800U03
OT1200U03
OETL-NF1600SW
OETL-NF2000SW
OETL-NF3150SW
Amp rating
A
200
400
600
800
1200
1600
2000
3150
Approvals 1
2 pole
N/A
N/A
UL98 / IEC
UL98 / IEC
UL98 / IEC
UL98 / IEC
UL98 / IEC
IEC
3 pole
UL98 / IEC
UL98 / IEC
UL98 / IEC
UL98 / IEC
UL98 / IEC
UL98 / IEC
UL98 / IEC
IEC
4 pole
UL98 / IEC
UL98 / IEC
UL98 / IEC
IEC
IEC
IEC
IEC
IEC
Technical ratings – UL, CSA
Max operating voltage
V
600
600
600
600
600
600
600
600
Max horsepower rating
Three phase
240 V
HP
75
125
200
15
—
—
—
—
480 V
HP
150
250
400
30
—
—
—
—
600 V
HP
200
350
500
30
—
—
—
—
Single phase
120 V
—
—
—
—
—
—
—
—
240 V
—
—
—
—
—
—
—
—
Technical ratings – IEC
Rated insulation and operational
voltage. AC20 and DC20
V
1000
1000
1000
1000
1000
1000
1000
1000
Rated thermal current, Ith
AC 20/DC 20 open
A
250
400
800
1250
1600
2500
2500
3150
AC 20/DC 20 enclosed
A
250
400
720
1250
1600
2300
2500
2600
AC 21A ≤500 V
A
250
400
800
1250
1600
2500 2
2500 2
3150 2
≤690 V
A
250
400
800
1250
1600
2500 2
2500 2
3150 2
Rated operational power AC23
400/415 V
kW
132
220
355
400
400
400
400
400
690 V
kW
240
355
355
—
—
—
—
—
Short circuit interrupting capacity
Fuse type CC
kA
—
—
—
—
—
—
—
—
Fuse type J
kA
200
100
100
—
—
—
—
—
Fuse type T
kA
—
—
100
—
—
—
—
—
Fuse type RK1
kA
—
—
—
—
—
—
—
—
Fuse type RK5
kA
—
—
100
—
—
—
—
—
Fuse type L
kA
—
—
—
100
100
100
100
—
Fuse type H
kA
—
—
—
—
—
—
—
—
Maximum fuse size
A
350
600
600
1200
1200
2000
2000
—
Physical characteristics
Weight 1 3 pole
lb
2.9
5.7
13.66
35.9
38.55
127.7
127.7
127.7
Dimension 3 pole
H in
6.69
8.66
11.77
19.09
19.09
25.04
25.04
25.04
W in
6.67
8.7
11.93
14.29
14.29
18.43
18.43
18.43
D in
3.30
3.35
5.12
4.92
4.92
10.67
10.67
10.67
OT200U03
OT400U03
OT600U03
OT800U03
OT1200U03
OETL-NF1600SW
OETL-NF2000SW
OETL-NF3150SW
1 Switch only
2 IEC 947-3 Utilization Category B, Infrequent operation



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com