Electronic Components Datasheet Search
  English  ▼

X  

PSE45 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PSE45
Description  torque control.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PSE45 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PSE45 Datasheet HTML 1Page - List of Unclassifed Manufacturers PSE45 Datasheet HTML 2Page - List of Unclassifed Manufacturers PSE45 Datasheet HTML 3Page - List of Unclassifed Manufacturers PSE45 Datasheet HTML 4Page - List of Unclassifed Manufacturers PSE45 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
17.5
ø 8.5
5
20
ø 10.2
5
34 Softstarters | 1SFC132005C0201, rev. M
1SFC132005C0201, rev. M | Softstarters 35
PSE – The efficient range
Technical data
Fuse ratings and power losses
Recommended
ABB’s overload protection
For
softstarter
Current
range
Max
power loss
at rated I
e
(Internal by-pass)
Max fuse raiting - main circuit 1)
Power
requirements
supply circuit
Holding (VA) /
Pull-in (VA)
Bussmann fuses, DIN43 620 (Knife)
Type
Type
A
W
A
Type
Size
PSE
PSE18
Integrated
5.4-18
0.2
40
170M1563
000
16/19.9
PSE25
Integrated
7.5-25
0.4
50
170M1564
000
16/19.9
PSE30
Integrated
9-30
0.5
80
170M1566
000
16/19.9
PSE37
Integrated
11.1-37
0.8
100
170M1567
000
16/19.9
PSE45
Integrated
13.5-45
1.2
125
170M1568
000
16/19.9
PSE60
Integrated
18-60
2.2
160
170M1569
000
16/19.9
PSE72
Integrated
21.6-72
3.1
250
170M1571
000
16/19.9
PSE85
Integrated
25.5-85
4.3
315
170M1572
000
16/19.9
PSE105
Integrated
31.8-106
6.6
400
170M3819
1*
16/19.9
PSE142
Integrated
42.9-143
12.1
450
170M5809
2
16/31
PSE170
Integrated
51.3-171
17.6
500
170M5810
2
16/31
PSE210
Integrated
63-210
8.8
630
170M5812
2
30/700
PSE250
Integrated
75-250
12.5
700
170M5813
2
30/700
PSE300
Integrated
90.6-302
18
800
170M6812
3
30/700
PSE370
Integrated
111-370
27.4
900
170M6813
3
30/700
1)
For the supply circuit 6 A delayed, for MCB use C characteristics.
PSE – The efficient range
UL ratings
3-phase motor rating – in-line
Softstarters
Motor power P (hp) and full load current FLA (A)
Max
U
e
U
e
U
e
U
e
FLA
200 V/208 V
220 V/240 V
440 V/480 V
550 V/600 V
Type
A
hp
hp
hp
hp
PSE18
18
5
5
10
15
PSE25
25
7.5
7.5
15
20
PSE30
28
7.5
10
20
25
PSE37
34
10
10
25
30
PSE45
42
10
15
30
40
PSE60
60
20
20
40
50
PSE72
68
20
25
50
60
PSE85
80
25
30
60
75
PSE105
104
30
40
75
100
PSE142
130
40
50
100
125
PSE170
169
60
60
125
150
PSE210
192
60
75
150
200
PSE250
248
75
100
200
250
PSE300
302
100
100
250
300
PSE370
361
125
150
300
350
Cross section of connection cables
Type of softstarter
PSE18 ... PSE105
PSE142 ... PSE170
PSE210 ... PSE370
Main circuit
Connection clamp
Solid/stranded
1 x mm2
2.5–70
See accessories
Solid/stranded
2 x mm2
2.5–70
See accessories
Tightening torque
(recommended)
Nm
9
See accessories
Connection bar
Width and thickness
mm
Hole diameter
mm
Tightening torque
(recommended)
Nm
9
18
28
Supply and control circuit
Connection clamp
Solid/stranded
1 x mm2
2.5
2.5
2.5
Solid/stranded
2 x mm2
1.5
1.5
1.5
Tightening torque
(recommended)
Nm
0.5
0.5
0.5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com