Electronic Components Datasheet Search
  English  ▼

X  

SL7-AP24 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SL7-AP24
Description  Acoustic device,
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SL7-AP24 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SL7-AP24 Datasheet HTML 1Page - List of Unclassifed Manufacturers SL7-AP24 Datasheet HTML 2Page - List of Unclassifed Manufacturers SL7-AP24 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
06/04/2015
171281 - HPL-ED2015 V12.0 EN
1 / 3
Acoustic￿device,￿24V,￿continuous￿or￿pulsed￿tone
Part￿no. 
SL7-AP24
Article￿no. 
171281
Catalog￿No. 
SL7-AP24
Delivery￿programme
Product range
 
 
SL7 signal towers
Basic function
 
 
Acoustic module
Degree of Protection
 
 
IP66
Rated operational voltage
Ue
V
24 V AC/DC
Rated operational current
Ie
mA
92
Description
 
 
Continuous tone or pulsed tone, adjustable with internal dip switches.
Sound pressure 100 db, adjustable with internal potentiometer.
f = 2800 Hz
Place only at the highest position on a pole
Colour
 
 
 
 
 
 
Function
 
 
 
 
 
Connection to SmartWire-DT
 
 
no
Technical￿data
General
Standards
 
 
IEC/EN 60947-5-1
Climatic proofing
 
 
Damp heat, constant, to IEC 60068-2-78
Damp heat, cyclic, to IEC 60069-2-30
Mounting position
 
 
As required
Mechanical shock resistance
 
g
> 15
according to IEC 60068-2-27
Shock duration 11 ms
Sinusoidal
IEC degree of protection
 
 
IP66
IEC/EN 60529
Protection type UL
 
 
Type 4, 4X, 13
Material
 
 
Enclosure: Polycarbonate (PC), black
Cap: Polycarbonate (PC)
Ambient temperature
 
°C
-30 - +60
Weight
 
g
102
Contacts
Rated impulse withstand voltage
Uimp
V AC
4000
Rated insulation voltage
Ui
V
250
Overvoltage category/pollution degree
 
 
III/3
modules
Leakage current
 
A
< 0.003
Type of tone
 
 
Continuous or pulsed tone
Types of sound
 
 
2 versions, table of sound types
Sound setting
 
 
Internal; 1 pole DIP
Table of sound types
 
 
Table￿of￿sound￿types
                             
    Sound
type
  DIP
switch
settings
  Frequency
  Diagram
 
 
  Max.
volume
            Hz      
Repeat
rate
 
Special
application
  dB


Similar Part No. - SL7-AP24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SL7-AP24-E ETC2-SL7-AP24-E Datasheet
236Kb / 3P
Acoustic device
SL7-AP24-M ETC2-SL7-AP24-M Datasheet
426Kb / 3P
Acoustic device,
More results

Similar Description - SL7-AP24

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC6D102 SMSC-EMC6D102 Datasheet
1Mb / 86P
Fan control Device with Hardware Monitoring and Acoustic Noise Reduction Features
EMC6D102 SMSC-EMC6D102_06 Datasheet
1Mb / 86P
Fan Control Device with Hardware Monitoring and Acoustic Noise Reduction Features
logo
List of Unclassifed Man...
SPM0204UD5 ETC2-SPM0204UD5 Datasheet
1Mb / 9P
ULTRASONIC ACOUSTIC SENSOR
logo
Sonardyne sound in dept...
7985 SONARDYNE-7985 Datasheet
220Kb / 2P
BOPNav Acoustic Transceiver
logo
Molex Electronics Ltd.
37047-0001 MOLEX-37047-0001 Datasheet
275Kb / 2P
Thermal Acoustic Products
logo
List of Unclassifed Man...
SL7-AP24-E ETC2-SL7-AP24-E Datasheet
236Kb / 3P
Acoustic device
SL7-AP24-M ETC2-SL7-AP24-M Datasheet
426Kb / 3P
Acoustic device,
AE95-07 ETC2-AE95-07 Datasheet
3Mb / 1P
Acoustic Signals Industrial Buzzers
AB6-24DC ETC2-AB6-24DC Datasheet
3Mb / 1P
Acoustic Signals
logo
SMSC Corporation
EMC6D102 SMSC-EMC6D102_07 Datasheet
1Mb / 86P
Fan Control Device with Hardware Monitoring and Acoustic Noise Reduction Features
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com