Electronic Components Datasheet Search
  English  ▼

X  

54AC161 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC161
Description  Synchronous Presettable Binary Counter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC161 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button 54AC161 Datasheet HTML 4Page - National Semiconductor (TI) 54AC161 Datasheet HTML 5Page - National Semiconductor (TI) 54AC161 Datasheet HTML 6Page - National Semiconductor (TI) 54AC161 Datasheet HTML 7Page - National Semiconductor (TI) 54AC161 Datasheet HTML 8Page - National Semiconductor (TI) 54AC161 Datasheet HTML 9Page - National Semiconductor (TI) 54AC161 Datasheet HTML 10Page - National Semiconductor (TI) 54AC161 Datasheet HTML 11Page - National Semiconductor (TI) 54AC161 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AC Operating Requirements (Continued)
54AC
V
CC
T
A = −55˚C
Fig.
Symbol
Parameter
(V)
to +125˚C
Units
No.
(Note 9)
C
L = 50 pF
Guaranteed Minimum
t
rec
Recovery Time
1.5
ns
MR to CP
2.0
Note 9: Voltage Range 3.3 is 3.3V ±0.3V
Voltage Range 5.0 is 5.0V ±0.5V
AC Electrical Characteristics
54ACT
V
CC
T
A = −55˚C
Fig.
Symbol
Parameter
(V)
to +125˚C
Units
No.
(Note 10)
C
L = 50 pF
Min
Max
f
max
Maximum Count
5.0
85
MHz
Frequency
t
PLH
Propagation Delay CP to Q
n
5.0
1.0
10.5
ns
(PE Input HIGH or LOW)
t
PHL
Propagation Delay CP to Q
n
5.0
1.0
10.5
ns
(PE Input HIGH or LOW)
t
PLH
Propagation Delay
5.0
1.0
14.0
ns
CP to TC
t
PHL
Propagation Delay
5.0
1.0
12.5
ns
CP to TC
t
PLH
Propagation Delay
5.0
1.0
9.5
ns
CET to TC
t
PHL
Propagation Delay
5.0
1.0
9.5
ns
CET to TC
t
PHL
Propagation Delay
5.0
1.0
10.0
ns
MR to Q
n
t
PHL
Propagation Delay
5.0
1.0
11.5
ns
MR to TC
Note 10: Voltage Range 5.0 is 5.0V ±0.5V
AC Operating Requirements
54ACT
V
CC
T
A = −55˚C
Fig.
Symbol
Parameter
(V)
to +125˚C
Units
No.
(Note
11)
C
L = 50 pF
Guaranteed Minimum
t
s
Setup Time, HIGH or LOW
5.0
13.0
ns
P
n to CP
t
h
Hold Time, HIGH or LOW
5.0
0
ns
P
n to CP
t
s
Setup Time, HIGH or LOW
5.0
11.0
ns
PE to CP
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com