Electronic Components Datasheet Search
  English  ▼

X  

TSXCUSB485 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TSXCUSB485
Description  connection cord set for PC terminal
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TSXCUSB485 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TSXCUSB485 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dec 7, 2015
1
Product data sheet
Characteristics
TSXCUSB485
connection cord set for PC terminal - for
Atrium / Premium - 0.4 m
Main
Commercial Status
Commercialised
Accessory / separate
part category
Connection accessories
Accessory / separate
part type
Connecting cable
Accessory / separate
part designation
Connection cordset for PC terminal
Accessory / separate
part destination
Atrium TSXPCI5720/35
Premium TSXP570./1.
Premium TSXP572./3.
Tap junction TSXPACC01
TSX Micro
Cable length
0.4 m
Complementary
Range compatibility
Modicon Atrium automation platform
Modicon Premium automation platform
Electrical connection
1 connector USB PC side RS485
1 connector mini DIN processor side
Product weight
0.144 kg


Similar Part No. - TSXCUSB485

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TSXCUSB232 SCHNEIDER-TSXCUSB232 Datasheet
63Kb / 2P
TSXCUSB232 connection cord set for PC terminal - 0.4 m
Mar 09, 2017
TSXCUSBMBP SCHNEIDER-TSXCUSBMBP Datasheet
104Kb / 1P
USB gateway - Modbus Plus bus
Aug 10, 2019
More results

Similar Description - TSXCUSB485

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
990NAA26320 ETC2-990NAA26320 Datasheet
37Kb / 1P
connection cord set for PC terminal
logo
Schneider Electric
BMXFCA150 SCHNEIDER-BMXFCA150 Datasheet
78Kb / 2P
cord set - 20-way terminal - SUBD25 connector - for X80 I/O - 1.5 m
Apr 20, 2022
BMXFCA152 SCHNEIDER-BMXFCA152 Datasheet
75Kb / 2P
cord set - 40-way terminal - SUBD25 connector - for X80 I/O - 1.5 m
Apr 20, 2022
BMXFCA300 SCHNEIDER-BMXFCA300 Datasheet
78Kb / 2P
cord set - 20-way terminal - SUBD25 connector - for X80 I/O - 3 m
Apr 20, 2022
BMXFCA500 SCHNEIDER-BMXFCA500 Datasheet
77Kb / 2P
cord set - 20-way terminal - SUBD25 connector - for X80 I/O - 5 m
Apr 20, 2022
BMXFCA502 SCHNEIDER-BMXFCA502 Datasheet
75Kb / 2P
cord set - 40-way terminal - SUBD25 connector - for X80 I/O - 5 m
Apr 20, 2022
990NAA26320 SCHNEIDER-990NAA26320 Datasheet
115Kb / 2P
connection cord set for PC terminal - for Unity processor - 3.7 m
Apr 27, 2022
TSXCUSB232 SCHNEIDER-TSXCUSB232 Datasheet
63Kb / 2P
TSXCUSB232 connection cord set for PC terminal - 0.4 m
Mar 09, 2017
logo
FIBOX Enclosing innovat...
7700101 FIBOX-7700101 Datasheet
46Kb / 1P
Brass insert set for PC/ABS
11.08.2023
logo
Schneider Electric
TSXCRJMD25 SCHNEIDER-TSXCRJMD25 Datasheet
121Kb / 2P
connection cord set for PC terminal - for Premium / Quantum - 2 m
Jun 6, 2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com