Electronic Components Datasheet Search
  English  ▼

X  

1N5817 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 1N5817
Description  Low drop power Schottky rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1N5817 Datasheet(HTML) 2 Page - STMicroelectronics

  1N5817 Datasheet HTML 1Page - STMicroelectronics 1N5817 Datasheet HTML 2Page - STMicroelectronics 1N5817 Datasheet HTML 3Page - STMicroelectronics 1N5817 Datasheet HTML 4Page - STMicroelectronics 1N5817 Datasheet HTML 5Page - STMicroelectronics 1N5817 Datasheet HTML 6Page - STMicroelectronics 1N5817 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Characteristics
1N5817, 1N5818, 1N5819
2/7
Doc ID 6262 Rev 5
1
Characteristics
To evaluate the conduction losses use the following equations :
P = 0.3 x IF(AV) + 0.090 IF
2
(RMS ) for 1N5817 / 1N5818
P = 0.3 x IF(AV) + 0.150 IF
2
(RMS ) for 1N5819
Table 2.
Absolute ratings (limiting values)
Symbol
Parameter
Value
Unit
1N5817
1N5818
1N5819
VRRM
Repetitive peak reverse voltage
20
30
40
V
IF(RMS) Forward rms current
10
A
IF(AV)
Average forward
current
TL = 125 °C, δ = 0.5
1
A
IFSM
Surge non repetitive
forward current
tp = 10 ms Sinusoidal
25
A
PARM
Repetitive peak
avalanche power
tp = 1 µs, Tj = 25 °C
1200
1200
900
W
Tstg
Storage temperature range
-65 to + 150
°C
Tj
Maximum operating junction temperature(1)
1.
condition to avoid thermal runaway for a diode on its own heatsink.
150
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/µs
Table 3.
Thermal resistances
Symbol
Parameter
Value
Unit
Rth (j-a) Junction to ambient
Lead length = 10 mm
100
°C/W
Rth (j-l)
Junction to lead
Lead length = 10 mm
45
°C/W
Table 4.
Static electrical characteristics
Symbol
Parameter
Tests conditions
1N5817
1N5818
1N5819
Unit
IR
(1)
1.
Pulse test : tp = 380 µs, δ < 2%
Reverse leakage
current
Tj = 25 °C
VR = VRRM
0.5
0.5
0.5
mA
Tj = 100 °C
10
10
10
mA
VF
(1)
Forward voltage drop
Tj = 25 °C
IF = 1 A
0.45
0.50
0.55
V
Tj = 25 °C
IF = 3 A
0.75
0.80
0.85
V
dPtot
dTj
<
1
Rth(j-a)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com