Electronic Components Datasheet Search
  English  ▼

X  

LM397MF Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM397MF
Description  Single General-Purpose Voltage Comparator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM397MF Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM397MF Datasheet HTML 5Page - Texas Instruments LM397MF Datasheet HTML 6Page - Texas Instruments LM397MF Datasheet HTML 7Page - Texas Instruments LM397MF Datasheet HTML 8Page - Texas Instruments LM397MF Datasheet HTML 9Page - Texas Instruments LM397MF Datasheet HTML 10Page - Texas Instruments LM397MF Datasheet HTML 11Page - Texas Instruments LM397MF Datasheet HTML 12Page - Texas Instruments LM397MF Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
R1
VO
VIN
-
+
R3
VS
RPULL-UP
R2
LM397
www.ti.com
SNOS977E – MAY 2001 – REVISED OCTOBER 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
LM397 will typically be used to compare a single signal to a reference or two signals against each other.
8.2 Typical Application
Figure 9. Inverting Comparator With Hysteresis
8.2.1 Design Requirements
For this design example, use the parameters listed in Table 1 as the input parameters.
Table 1. Design Parameters
DESIGN
EXAMPLE VALUE
PARAMETER
Input voltage range
0 V to VS – 1.5 V
Supply voltage
5 V to 30 V
Logic supply voltage
5 V to 30 V
(RPULLUP voltage)
Output current
1 µA to 20 mA
(VLOGIC/RPULLUP)
Input overdrive
100 mV
voltage
Reference voltage
5.5 V
8.2.2 Detailed Design Procedure
When using TL331 in a general comparator application, determine the following:
•
Input voltage range
•
Minimum overdrive voltage
•
Output and drive current
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM397



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com