Electronic Components Datasheet Search
  English  ▼

X  

LM393M Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM393M
Description  Low-Power, Low-Offset Voltage, Dual Comparators
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM393M Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM393M Datasheet HTML 9Page - Texas Instruments LM393M Datasheet HTML 10Page - Texas Instruments LM393M Datasheet HTML 11Page - Texas Instruments LM393M Datasheet HTML 12Page - Texas Instruments LM393M Datasheet HTML 13Page - Texas Instruments LM393M Datasheet HTML 14Page - Texas Instruments LM393M Datasheet HTML 15Page - Texas Instruments LM393M Datasheet HTML 16Page - Texas Instruments LM393M Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
LM193-N, LM2903-N, LM293-N, LM393-N
www.ti.com
SNOSBJ6F – OCTOBER 1999 – REVISED DECEMBER 2014
Typical Applications (continued)
9.2.2 System Examples
9.2.2.1 Split-Supply Application
(V+=-15 VDC and V-=-15 VDC)
Figure 14. MOS Clock Driver
9.2.2.2 V+ = 5.0 VDC Application Circuits
Figure 15. Driving CMOS
Figure 16. Driving TTL
* For large ratios of R1/R2,
D1 can be omitted.
Figure 17. Squarewave Oscillator
Figure 18. Pulse Generator
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM193-N LM2903-N LM293-N LM393-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com