Electronic Components Datasheet Search
  English  ▼

X  

MLM339P Datasheet(PDF) 19 Page - Texas Instruments

Part # MLM339P
Description  Low-Power Low-Offset Voltage Quad Comparators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MLM339P Datasheet(HTML) 19 Page - Texas Instruments

Back Button MLM339P Datasheet HTML 15Page - Texas Instruments MLM339P Datasheet HTML 16Page - Texas Instruments MLM339P Datasheet HTML 17Page - Texas Instruments MLM339P Datasheet HTML 18Page - Texas Instruments MLM339P Datasheet HTML 19Page - Texas Instruments MLM339P Datasheet HTML 20Page - Texas Instruments MLM339P Datasheet HTML 21Page - Texas Instruments MLM339P Datasheet HTML 22Page - Texas Instruments MLM339P Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
LM139-N, LM239-N, LM2901-N, LM3302-N, LM339-N
www.ti.com
SNOSBJ3E – NOVEMBER 1999 – REVISED DECEMBER 2014
9 Power Supply Recommendations
Even in low-frequency applications, the LM139-N can have internal transients which are extremely quick. For this
reason, bypassing the power supply with 1.0 µF to ground will provide improved performance; the supply bypass
capacitor should be placed as close as possible to the supply pin and have a solid connection to ground. The
bypass capacitors should have a low ESR.
10 Layout
10.1 Layout Guidelines
Try to minimize parasitic impedances on the inputs to avoid oscillation. Any positive feedback used as hysteresis
should place the feedback components as close as possible to the input pins. Take care to ensure that the
output pins do not couple to the inputs. This can occur through capacitive coupling if the traces are too close and
lead to oscillations on the output.
The optimum bypass capacitor placement is closest to the V+ and ground pins. Take care to minimize the loop
area formed by the bypass capacitor connection between V+ and ground. The ground pin should be connected
to the PCB ground plane at the pin of the device. The feedback components should be placed as close to the
device as possible minimizing strays.
10.2 Layout Example
Figure 38. Layout Example
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM139-N LM239-N LM2901-N LM3302-N LM339-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com