Electronic Components Datasheet Search
  English  ▼

X  

LMV393MM Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LMV393MM
Description  General-Purpose, Low-Voltage, Tiny Pack Comparators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV393MM Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMV393MM Datasheet HTML 17Page - Texas Instruments LMV393MM Datasheet HTML 18Page - Texas Instruments LMV393MM Datasheet HTML 19Page - Texas Instruments LMV393MM Datasheet HTML 20Page - Texas Instruments LMV393MM Datasheet HTML 21Page - Texas Instruments LMV393MM Datasheet HTML 22Page - Texas Instruments LMV393MM Datasheet HTML 23Page - Texas Instruments LMV393MM Datasheet HTML 24Page - Texas Instruments LMV393MM Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
LMV331-N, LMV339-N, LMV393-N
www.ti.com
SNOS018H – AUGUST 1999 – REVISED DECEMBER 2014
9 Power Supply Recommendations
The TLV170x is specified for operation from 2.2 V to 36 V (±1.1 to ±18 V); many specifications apply from –40°C
to +125°C. Parameters that can exhibit significant variance with regard to operating voltage or temperature are
presented in the Typical Characteristics.
CAUTION
Supply voltages larger than 5.5 V can permanently damage the device; see the
Specifications section.
Place 0.1-
μF bypass capacitors close to the power-supply pins to reduce errors coupling in from noisy or high
impedance power supplies. For more detailed information on bypass capacitor placement, refer to the Layout
Guidelines section
10 Layout
10.1 Layout Guidelines
Comparators are very sensitive to input noise. For best results, the following layout guidelines should be
maintained:
•
Use a printed circuit board (PCB) with a good, unbroken low-inductance ground plane. Proper grounding (use
of ground plane) helps maintain specified performance of the comparator
•
Connect low-ESR, 0.1-
μF ceramic bypass capacitors between each supply pin and ground, placed as close
to the device as possible. A single bypass capacitor from V+ to ground is applicable for single supply
applications.
•
Separate grounding for analog and digital portions of circuitry is one of the simplest and most-effective
methods of noise suppression. One or more layers on multilayer PCBs are usually devoted to ground planes.
A ground plane helps distribute heat and reduces EMI noise pickup. Make sure to physically separate digital
and analog grounds paying attention to the flow of the ground current. For more detailed information refer to
SLOA089, Circuit Board Layout Techniques.
•
In order to reduce parasitic coupling, run the input traces as far away from the supply or output traces as
possible. If it is not possible to keep them separate, it is much better to cross the sensitive trace perpendicular
as opposed to in parallel with the noisy trace.
•
Place the external components as close to the device as possible, as shown in Layout Example.
•
Keep the length of input traces as short as possible. Always remember that the input traces are the most
sensitive part of the circuit.
•
For slow-moving input signals, take care to prevent parasitic feedback. A small capacitor (1000 pF or less)
placed between the inputs can help eliminate oscillations in the transition region. This capacitor causes some
degradation to propagation delay when the impedance is low. Run the topside ground plane between the
output and inputs.
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMV331-N LMV339-N LMV393-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com