Electronic Components Datasheet Search
  English  ▼

X  

LMV393ID Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMV393ID
Description  Quad General-purpose Low-voltage Comparators
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV393ID Datasheet(HTML) 2 Page - Texas Instruments

  LMV393ID Datasheet HTML 1Page - Texas Instruments LMV393ID Datasheet HTML 2Page - Texas Instruments LMV393ID Datasheet HTML 3Page - Texas Instruments LMV393ID Datasheet HTML 4Page - Texas Instruments LMV393ID Datasheet HTML 5Page - Texas Instruments LMV393ID Datasheet HTML 6Page - Texas Instruments LMV393ID Datasheet HTML 7Page - Texas Instruments LMV393ID Datasheet HTML 8Page - Texas Instruments LMV393ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
LMV331, LMV393, LMV339
SLCS136T – AUGUST 1999 – REVISED JANUARY 2015
www.ti.com
Table of Contents
8.1
Overview .................................................................. 9
1
Features .................................................................. 1
8.2
Functional Block Diagram ......................................... 9
2
Applications ........................................................... 1
8.3
Feature Description................................................... 9
3
Description ............................................................. 1
8.4
Device Functional Modes.......................................... 9
4
Simplified Schematic............................................. 1
9
Application and Implementation ........................ 10
5
Revision History..................................................... 2
9.1
Application Information............................................ 10
6
Pin Configuration and Functions ......................... 3
9.2
Typical Application ................................................. 10
7
Specifications......................................................... 4
10
Power Supply Recommendations ..................... 12
7.1
Absolute Maximum Ratings ...................................... 4
11
Layout................................................................... 12
7.2
ESD Ratings.............................................................. 4
11.1
Layout Guidelines ................................................. 12
7.3
Recommended Operating Conditions ....................... 4
11.2
Layout Example .................................................... 12
7.4
Thermal Information .................................................. 4
12
Device and Documentation Support ................. 13
7.5
Electrical Characteristics, VCC+ = 2.7 V .................... 5
12.1
Related Links ........................................................ 13
7.6
Electrical Characteristics, VCC+ = 5 V ....................... 6
12.2
Trademarks ........................................................... 13
7.7
Switching Characteristics, VCC+ = 2.7 V ................... 6
12.3
Electrostatic Discharge Caution ............................ 13
7.8
Switching Characteristics, VCC+ = 5 V ...................... 6
12.4
Glossary ................................................................ 13
7.9
Typical Characteristics .............................................. 7
13
Mechanical, Packaging, and Orderable
8
Detailed Description .............................................. 9
Information ........................................................... 13
5 Revision History
Changes from Revision S (October 2012) to Revision T
Page
•
Added Applications, Device Information table, Pin Functions table, ESD Ratings table, Thermal Information table,
Typical Characteristics, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section. ................................................................................................. 1
•
Deleted Ordering Information table. ....................................................................................................................................... 1
Changes from Revision R (May 2012) to Revision S
Page
•
Updated operating temperature range. .................................................................................................................................. 4
Changes from Revision N (April 2011) to Revision O
Page
•
Changed VI in the Absolute Maximum Ratings from 5.5 V to VCC+ ....................................................................................... 4
Changes from Revision M (November 2005) to Revision N
Page
•
Changed document format from Quicksilver to DocZone. ..................................................................................................... 1
•
Added RUC package pin out drawing. ................................................................................................................................... 3
2
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com