Electronic Components Datasheet Search
  English  ▼

X  

B0530WSQ Datasheet(PDF) 2 Page - Diodes Incorporated

Part # B0530WSQ
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B0530WSQ Datasheet(HTML) 2 Page - Diodes Incorporated

  B0530WSQ Datasheet HTML 1Page - Diodes Incorporated B0530WSQ Datasheet HTML 2Page - Diodes Incorporated B0530WSQ Datasheet HTML 3Page - Diodes Incorporated B0530WSQ Datasheet HTML 4Page - Diodes Incorporated B0530WSQ Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
B0530WSQ
Document number: DS38382 Rev. 3 - 2
2 of 5
www.diodes.com
December 2015
© Diodes Incorporated
B0530WSQ
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
V
RMS Reverse Voltage
VR(RMS)
21
V
Average Rectified Output Current (See Figure 1)
IO
0.5
A
Peak Repetitive Forward Current tP = 8.3ms, Half Sine-Wave
IFRM
3.5
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single Half Sine-Wave Superimposed on Rated Load
IFSM
2
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 6)
PD
235
mW
Typical Thermal Resistance Junction to Ambient (Note 6)
RθJA
426
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-40 to +125
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Reverse Breakdown Voltage (Note 7)
V(BR)R
30
V
IR = 500µA
Forward Voltage Drop
VF
0.40
0.36
0.45
V
IF = 0.1A
IF = 0.5A
Leakage Current (Note 7)
IR
80
100
500
µA
VR = 15V
VR = 20V
VR = 30V
Total Capacitance
CT
58
pF
f = 1MHz, VR = 0V DC
Notes:
6. Part mounted on FR-4 PC board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
7. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com