Electronic Components Datasheet Search
  English  ▼

X  

DMP6110SVT Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMP6110SVT
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP6110SVT Datasheet(HTML) 1 Page - Diodes Incorporated

  DMP6110SVT Datasheet HTML 1Page - Diodes Incorporated DMP6110SVT Datasheet HTML 2Page - Diodes Incorporated DMP6110SVT Datasheet HTML 3Page - Diodes Incorporated DMP6110SVT Datasheet HTML 4Page - Diodes Incorporated DMP6110SVT Datasheet HTML 5Page - Diodes Incorporated DMP6110SVT Datasheet HTML 6Page - Diodes Incorporated DMP6110SVT Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DMP6110SVT
Document number: DS37594 Rev. 2 - 2
1 of 7
www.diodes.com
April 2015
© Diodes Incorporated
DMP6110SVT
P-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
RDS(ON) Max
ID Max
TC = +25°C
-60V
105m
 @ VGS = -10V
-7.3A
130m
 @ VGS = -4.5V
-6.5A
Description and Applications
This MOSFET is designed to minimize the on-state resistance
(RDS(ON)) and yet maintain superior switching performance, making it
ideal for high efficiency power management applications.
Backlighting
Power Management Functions
DC-DC Converters
Features and Benefits
Low On-Resistance
Low Input Capacitance
Fast Switching Speed
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: TSOT26
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections Indicator: See Diagram
Terminals: Finish
 Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.008 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMP6110SVT-7
TSOT26
3,000/Tape & Reel
DMP6110SVT-13
TSOT26
10,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2015
2016
2017
2018
2019
2020
2021
Code
C
D
E
F
G
H
I
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
TSOT26
Device Schematic
Equivalent Circuit
D
S
G
D
D
G
D
D
S
1
2
3
6
5
4
P61 = Product Type Marking Code
YM or YM = Date Code Marking
Y or Y = Year (ex: C = 2015)
M = Month (ex: 9 = September)
e3


Similar Part No. - DMP6110SVT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP6110SVTQ DIODES-DMP6110SVTQ Datasheet
623Kb / 7P
P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMP6110SVTQ-13 DIODES-DMP6110SVTQ-13 Datasheet
623Kb / 7P
P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMP6110SVTQ-7 DIODES-DMP6110SVTQ-7 Datasheet
623Kb / 7P
P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
More results

Similar Description - DMP6110SVT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2305 SYNC-POWER-SPP2305 Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2301A STANSON-ST2301A Datasheet
221Kb / 6P
P Channel Enhancement Mode MOSFET
ST2305A STANSON-ST2305A Datasheet
147Kb / 6P
P Channel Enhancement Mode MOSFET
ST3401 STANSON-ST3401 Datasheet
200Kb / 6P
P Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP2319 SYNC-POWER-SPP2319 Datasheet
210Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3401B SYNC-POWER-SPP3401B Datasheet
204Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3407B SYNC-POWER-SPP3407B Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com