Electronic Components Datasheet Search
  English  ▼

X  

KPC514 Datasheet(PDF) 3 Page - KODENSHI_AUK CORP.

Part # KPC514
Description  Photocoupler(These Photocouplers cosist of two Gallium Arsenide Infrared Emitting)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KPC514 Datasheet(HTML) 3 Page - KODENSHI_AUK CORP.

  KPC514 Datasheet HTML 1Page - KODENSHI_AUK CORP. KPC514 Datasheet HTML 2Page - KODENSHI_AUK CORP. KPC514 Datasheet HTML 3Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Photocoupler
KPC514 • KPC524 • KPC544
3/3
Ambient Temperature Ta (℃)
Forward Current vs.
Ambient Temperature
0
-20
0
20
10
20
40
30
50
40
60
100
80
Ambient Temperature Ta (℃)
0
0.001
0.01
40
20
0.1
10
80
60
100
Dark Current
vs.
Ambient Temperature
Output
Input
Test Circuit
VIN
R
RL
VO
VCC
Waveform
10%
90%
Switching Time Test Circuit
tr
tf
1
Collector Power Dissipation vs.
Ambient Temperature
250
40
Ambient Temperature Ta
(℃)
0
-20
0
20
150
50
100
200
80
60
100
60
VCE
=24V
VCE
=10V
Forward Voltage VF (V)
40
20
0.4
0
80
60
140
120
100
1.2
0.8
1.6
Ta=-55℃
Ta=70℃
Ta=25℃
Forward Current vs.
Forward Voltage
2.0
Collector Current vs.
Forward Current
9
7
5
3
1
Forward Current I F (mA)
20
30
40
10
0
100
50
60
Ta=25℃
VCE
=2V
11
Ta
=25℃
Collector Current vs.
Collector-Emitter Voltage
0
10
20
30
40
10
8
6
4
2
Collector-Emitter Voltage VCE(V)
IF
=1mA
IF
=0.5mA
IF
=2mA
I F
=1.5mA
IF
=2.5mA
IF
=3mA
PC
(max.)
10
0.05
10
Load Resistance RL(㏀
)
0.2
0.1
0.5
1
2
VCE
=10V
IC=10mA
Ta=25℃
100
1000
5000
Response Time vs.
Load Resistance
tf
tr



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com