Electronic Components Datasheet Search
  English  ▼

X  

ZLLS400Q Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZLLS400Q
Description  40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZLLS400Q Datasheet(HTML) 2 Page - Diodes Incorporated

  ZLLS400Q Datasheet HTML 1Page - Diodes Incorporated ZLLS400Q Datasheet HTML 2Page - Diodes Incorporated ZLLS400Q Datasheet HTML 3Page - Diodes Incorporated ZLLS400Q Datasheet HTML 4Page - Diodes Incorporated ZLLS400Q Datasheet HTML 5Page - Diodes Incorporated ZLLS400Q Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ZLLS400Q
Document number: DS38245 Rev. 1 - 2
2 of 6
www.diodes.com
September 2015
© Diodes Incorporated
ZLLS400Q
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Continuous Reverse Voltage
VR
40
V
Continuous Forward Current
IF
0.52
A
Peak Repetitive Forward Current
Rectangular Pulse Duty Cycle
IFPK
0.85
A
Non Repetitive Forward Current
t
100µs
IFSM
12
A
t
10ms
2.5
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation, TA = +25°C
Single Die Continuous
Single Die Measured at t < 5 secs
PD
330
390
mW
Thermal Resistance, Junction to Ambient
(Note 6)
(Note 7)
RθJA
379
317
°C/W
Junction Temperature
TJ
+150
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Notes:
6. For a device surface mounted on 25mm x 25mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions.
7. For a device surface mounted on FR4 PCB measured at t<5 secs.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com