Electronic Components Datasheet Search
  English  ▼

X  

KPC524 Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # KPC524
Description  Photocoupler(These Photocouplers cosist of two Gallium Arsenide Infrared Emitting)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KPC524 Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  KPC524 Datasheet HTML 1Page - KODENSHI_AUK CORP. KPC524 Datasheet HTML 2Page - KODENSHI_AUK CORP. KPC524 Datasheet HTML 3Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Photocoupler
MAXIMUM RATINGS
(Ta=25℃ )
*1. Input current with 100
µs pulse width, 1% duty cycle
*2. Measured at RH=40~60% for 1min
*3. 1/16 inch form case for 10sec
ELECTRO-OPTICAL CHARACTERISTICS
(Ta=25℃ , unless otherwise noted)
IF=
10mA
V=0, f=1kHz
IC=0.5mA
IE=0.1mA
IF=0, VCE=10V
VCE=0, f=1KHz
IF=±1mA, IC=2mA
V=0, f=1kHz
VCE=10V, RL=100Ω
IC=10mA
*4. CTR=(IC/IF) X 100 (%)
Power Dissipation
PD
150
Parameter
Symbol
Rating
Unit
60
mA
Input
Forward Current
IF
Peak Forward Current
*1
IFP
Junction Temperature
TJ
mW
1
A
125
℃
Output
Collector-Emitter Breakdown Voltage
BVCEO
30
Emitter-Collector Breakdown Voltage
BVECO
5
Collector Current
IC
50
V
V
mA
Collector Power Dissipation
PC
150
mW
Input to Output Isolation Voltage
*2
Viso
AC2500
Vrms
Storage Temperature
Tstg
-55~+125
℃
Operating Temperature
Topr
-30~+85
℃
Collector Dark Current
Input-Output Isolation Resistance
Input-Output Capacitance
Capacitance
Total Power Dissipation
Ptot
250
mW
Current Transfer Ratio
*4
Collector-Emitter Saturation Voltage
Input
Output
Forward Voltage
Capacitance
Collector-Emitter Breakdown Voltage
Emitter-Collector Breakdown Voltage
V
V
nA
-
-
pF
%
V
pF
-
Symbol
VF
-
tr
-
RIO
0.8
5
Max.
1.30
-
-
-
100
-
Unit.
pF
-
-
1.2
-
-
Ω
90
-
-
㎲
Typ.
1.15
V
KPC514 • KPC524 • KPC544
Parameter
Lead Soldering Temperature
*3
Tsol
260
℃
-
㎲
Min.
-
-
30
5
30
300
120
10
11
CCE
-
-
-
10
-
CIO
Coupled
Rise Time
Fall Time
Condition
tf
CT
CTR
IF=±1mA, VCE=2V
RH=40~60%, V=500V
BVCEO
VCE(SAT)
BVECO
ICEO
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com