Electronic Components Datasheet Search
  English  ▼

X  

KPC644 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # KPC644
Description  Photocoupler(These Photocouplers cosist of two Gallium Arsenide Infrared Emitting)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KPC644 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  KPC644 Datasheet HTML 1Page - KODENSHI_AUK CORP. KPC644 Datasheet HTML 2Page - KODENSHI_AUK CORP. KPC644 Datasheet HTML 3Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Photocoupler
The KPC614 has one channel in a 4-pin package.
The KPC624 has two channels in a 8-pin package.
The KPC644 has four channels in a 16-pin package.
FEATURES
• Small Package Size
• Collector-Emitter Voltage : Min.30V
• Electrical Isolation Voltage : AC5000Vrms
• UL Recognized File No. E107486
APPLICATIONS
• AC Signal Input
• Automatic Vending Machine
• Copiers, Industrial Robots
• Current Transfer Ratio : Type 1000% (at IF=
1mA, VCE=2V)
• Interface between two circuits of different potential
KPC614 • KPC624 • KPC644
These Photocouplers cosist of two Gallium Arsenide Infrared Emitting
Diodes and a Silicon NPN Photo Darlington transistor perachannel.
KPC614
KPC624
KP
644
0.25
0 ~15
Orientation Mark
0.5
1.2
2.54
0.25
6.5
7.62
0.25
7.62
0.25
4.6
0.25
1
2
4
3
0
~15
0.25
2.54
0.25
1.2
0.5
6.5
9.7
0.25
Orientation Mark
8
6
5
7
2
3
4
1
7.62
0.25
19.8
0.25
0.5
1.2
2.54 0.25
0 ~15
0.25
6.5
Orientation Mark
1
15
13
11
9
14
16
12
10
4
3
2
6
5
7
8
DIMENSION
(Unit : mm)
1/3


Similar Part No. - KPC644

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPC6N135 COSMO-KPC6N135 Datasheet
363Kb / 3P
Outside Dimension:Unit
KPC6N135H COSMO-KPC6N135H Datasheet
176Kb / 5P
General Purpose Type Photocoupler
KPC6N135HTL COSMO-KPC6N135HTL Datasheet
345Kb / 11P
8PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
KPC6N135HTLD COSMO-KPC6N135HTLD Datasheet
345Kb / 11P
8PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
KPC6N135HTR COSMO-KPC6N135HTR Datasheet
345Kb / 11P
8PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
More results

Similar Description - KPC644

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
K4N25G KODENSHI-K4N25G Datasheet
187Kb / 3P
Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
K4N29 KODENSHI-K4N29 Datasheet
237Kb / 3P
Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
K3620 KODENSHI-K3620 Datasheet
110Kb / 3P
Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
K3640 KODENSHI-K3640 Datasheet
110Kb / 3P
Photocoupler(These Photocouplers cosist of two Gallium Arsenide Infrared Emitting)
K5620 KODENSHI-K5620 Datasheet
120Kb / 3P
Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
K5640 KODENSHI-K5640 Datasheet
111Kb / 3P
Photocoupler(These Photocouplers cosist of two Gallium Arsenide Infrared Emitting)
KPC514 KODENSHI-KPC514 Datasheet
83Kb / 3P
Photocoupler(These Photocouplers cosist of two Gallium Arsenide Infrared Emitting)
KPC3020 KODENSHI-KPC3020 Datasheet
123Kb / 3P
Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
PC-18K1 KODENSHI-PC-18K1 Datasheet
80Kb / 3P
Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
PC-18T1 KODENSHI-PC-18T1 Datasheet
188Kb / 3P
Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com