Electronic Components Datasheet Search
  English  ▼

X  

54AC175 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC175
Description  Quad D Flip-Flop
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC175 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  54AC175 Datasheet HTML 1Page - National Semiconductor (TI) 54AC175 Datasheet HTML 2Page - National Semiconductor (TI) 54AC175 Datasheet HTML 3Page - National Semiconductor (TI) 54AC175 Datasheet HTML 4Page - National Semiconductor (TI) 54AC175 Datasheet HTML 5Page - National Semiconductor (TI) 54AC175 Datasheet HTML 6Page - National Semiconductor (TI) 54AC175 Datasheet HTML 7Page - National Semiconductor (TI) 54AC175 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AC Electrical Characteristics
Symbol
Parameter
54AC
Units
V
CC
T
A = −55˚C to +125˚C
Fig.
(V)
C
L = 50 pF
No.
(Note 8)
Min
Max
f
max
Maximum Clock
3.3
95
MHz
Frequency
5.0
95
t
PLH
Propagation Delay
3.3
1.0
14.5
ns
CP to Q
n or Qn
5.0
1.5
10.5
t
PHL
Propagation Delay
3.3
1.0
15.0
ns
CP to Q
n or Qn
5.0
1.5
11.5
t
PLH
Propagation Delay
3.3
1.0
15.0
ns
MR to Q
n
5.0
1.5
11.0
t
PHL
Propagation Delay
3.3
1.0
13.5
ns
MR to Q
n
5.0
1.5
10.5
Note 8: Voltage Range 3.3 is 3.3V ±0.3V
Voltage Range 5.0 is 5.0V ±0.5V
AC Operating Requirements
Symbol
Parameter
54AC
Units
V
CC
T
A = −55˚C to +125˚C
Fig.
(V)
C
L = 50 pF
No.
(Note 9)
Guaranteed Minimum
t
s
Setup Time, HIGH or LOW
3.3
5.0
ns
D
n to CP
5.0
3.5
t
h
Hold Time, HIGH or LOW
3.3
2.0
ns
D
n to CP
5.0
2.5
t
w
CP Pulse Width
3.3
6.0
ns
HIGH or LOW
5.0
5.0
t
w
MR Pulse Width, LOW
3.3
5.5
ns
5.0
5.0
t
rec
Recovery Time
3.3
1.5
ns
MR to CP
5.0
1.5
Note 9: Voltage Range 3.3 is 3.3V ±0.3V
Voltage Range 5.0 is 5.0V ±0.5V
5
www.national.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com