Electronic Components Datasheet Search
  English  ▼

X  

8255 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 8255
Description  93 Ohm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8255 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  8255 Datasheet HTML 1Page - List of Unclassifed Manufacturers 8255 Datasheet HTML 2Page - List of Unclassifed Manufacturers 8255 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
General Description:
93 ohm, RG-62B/U type, 24 AWG stranded (7x32) .024" bare copper-covered steel conductor, semi-solid
polyethylene insulation, BC braid shield (95% coverage), non-contaminating PVC jacket.
Physical Characteristics (Overall)
Conductor
AWG:
# Coax AWG Stranding Conductor Material
Dia. (mm)
1
24
7x32
BCCS - Bare Copper Covered Steel 0.6096
Total Number of Conductors:
1
Insulation
Insulation Material:
Insulation Material
Wall Thickness (mm) Dia. (mm)
Semi-Solid PE - Semi-Solid Polyethylene 0.660
3.708
Outer Shield
Outer Shield Material:
Type Outer Shield Material Coverage (%)
Braid BC - Bare Copper
95
Outer Jacket
Outer Jacket Material:
Outer Jacket Material
Nom. Wall Thickness (mm)
PVCNC - Polyvinyl Chloride Non-Contaminating 0.838
Overall Cable
Overall Nominal Diameter:
6.147 mm
Mechanical Characteristics (Overall)
Operating Temperature Range:
-40°C To +80°C
UL Temperature Rating:
60°C (UL AWM Style 1354)
Bulk Cable Weight:
47.622 Kg/Km
Max. Recommended Pulling Tension:
333.615 N
Min. Bend Radius/Minor Axis:
63.500 mm
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
NEC/(UL) Specification:
CMX
CEC/C(UL) Specification:
CMX
AWM Specification:
UL Style 1354 (30 V 60°C)
EU Directive 2011/65/EU (ROHS II):
Yes
EU CE Mark:
Yes
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
Page 1 of 3
10-30-2013
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
8255 Coax - 93 Ohm


Similar Part No. - 8255

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
82550040 WURTH-82550040 Datasheet
165Kb / 5P
0805 SMD VARISTOR
82550060 WURTH-82550060 Datasheet
164Kb / 5P
0805 SMD VARISTOR
82550080 WURTH-82550080 Datasheet
165Kb / 5P
0805 SMD VARISTOR
82550110 WURTH-82550110 Datasheet
165Kb / 5P
0805 SMD VARISTOR
82550140 WURTH-82550140 Datasheet
165Kb / 5P
0805 SMD VARISTOR
More results

Similar Description - 8255

ManufacturerPart #DatasheetDescription
logo
EPCOS
B67345 EPCOS-B67345 Datasheet
96Kb / 4P
Ferrites and accessories UU 93/152/16, UI 93/104/16 Core set
logo
Pasternack Enterprises,...
RG62A-U PASTERNACK-RG62A-U Datasheet
100Kb / 1P
93 OHM COAXIAL CABLE
RG71B-U PASTERNACK-RG71B-U Datasheet
314Kb / 3P
93 Ohm Flexible RG71 COAX Cable Double Shielded with Black PE Jacket
logo
Fairchild Semiconductor
KSP92TA FAIRCHILD-KSP92TA Datasheet
69Kb / 4P
KSP92/93 PNP Epitaxial Silicon Transistor
logo
ATMEL Corporation
AT73C213B ATMEL-AT73C213B_14 Datasheet
1Mb / 37P
93 dB SNR Playback Stereo Channels
logo
MicroPower Direct, LLC
LSR7810 MPD-LSR7810 Datasheet
529Kb / 2P
Effi ciency to 93%
logo
Arch Electronics Corp.
AQC100_SERIES ARCH-AQC100_SERIES Datasheet
291Kb / 4P
High Efficiency up to 93% Typical
AQF100O_SERIES ARCH-AQF100O_SERIES Datasheet
338Kb / 5P
High Efficiency up to 93% Typical
AQF120U_SERIES ARCH-AQF120U_SERIES Datasheet
355Kb / 5P
High Efficiency up to 93%
logo
Rosenberger Hochfrequen...
71S102-110N5 ROSENBERGER-71S102-110N5 Datasheet
81Kb / 2P
STRAIGHT PLUG FOR 93 CABLE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com