Electronic Components Datasheet Search
  English  ▼

X  

CPB20 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CPB20
Description  Switched Disconnects
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CPB20 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CPB20 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
F-23
www.hubbell-wiring.com
Wiring Device-Kellems
®
PBS Series Heavy Duty Pendant Pushbutton Stations, NEMA 3R
Description
Catalog Number
2 button, single speed.
2 button, two speed.
PBS2
PBS22
4 button, single speed.
4 button, two speed.
PBS4
PBS42
6 button, single speed.
6 button, two speed.
PBS6
PBS62
8 button, single speed.
8 button, two speed.
PBS8
PBS82
Product Dimensions, PBS Series
Style
A
Approx. Wt. Assembled
Catalog Number
2 button
7.88" (200.0)
2.5 lbs
PBS2
4 button
13.69" (347.6)
4.5 lbs
PBS4
6 button
18.0" (457.2)
5.5 lbs
PBS6
8 button
22.31" (566.7)
7.5 lbs
PBS8
Note: Housing: Yellow vinyl rubber.
Contact Interrupting Ratings, PBS Series
Two-Speed Single Break
Voltage
Current
AC
120V
6A
35% PF
240V
3A
DC
125V
.4A
IND
250V
.2A
Single-Speed Double Break
Voltage
Current
AC
120V
6A
35% PF
240V
3A
DC
125V
1.1A
IND
250V
.55A
IP44
SUITABILITY
Switched Disconnects and Enclosures
Pendant Pushbutton Stations
CPB and PBS Series
Cable Entrance Threaded
1" (25.4) NPT I.D.
1.125" (28.6) O.D.
30mm
K.O.
3.25"
(82.6)
0.88"
(22.4)
3.50"
(88.9)
A
PBS6
Momentary
(On / Off)
CPB20
Ctr.
N.O.1
Com.1
N.C.1
N.O.1
N.O.1
Com.1
N.O.2
N.O.2
Single Speed*
CPB21
Two Speed*
CPB22
Wiring Diagram CPB2 Series
*Mechanical “floating ball” interlock
prevents activating both Pushbuttons
simultaneously.
9.13"
(231.9)
1.06"
(26.9)
CPB21
2.38"
(60.5)
CPB Series Compact Pendant Stations, Two Button, NEMA 4X
Description
Catalog Number
Single-speed normally open-normally closed without mechanical interlock.
CPB20
Single-speed with mechanical interlock between pushbuttons.
CPB21
Two-speed with mechanical interlock between pushbuttons.
CPB22
Note: Included with product: nylon cord grip and sealing washer (must be installed to achieve NEMA 4X rating).
Indication label pack. Cord dia. range .375–.625 in. (9.5–15.9)
Ambient temperatures: 25°F to 140°F (32°C to 60°C).
Typical applications: Package electric motor hoists. Remote control of machinery.
Contact Ratings, CPB Series
Single-Speed
Voltage
Current
AC
120V
6A
35% PF
240V
3A
DC
125V
1.1A
IND
250V
.55A
Two-Speed
Voltage
Current
AC
120V
3A
35% PF
240V
1.5A
IP55
SUITABILITY
Dimensions in Inches (mm)


Similar Part No. - CPB20

ManufacturerPart #DatasheetDescription
logo
Europa PLC
CPB201513D EUROPA-CPB201513D Datasheet
284Kb / 1P
ABS Enclosures with Din Rail
CPB202010D EUROPA-CPB202010D Datasheet
284Kb / 1P
ABS Enclosures with Din Rail
CPB202013D EUROPA-CPB202013D Datasheet
284Kb / 1P
ABS Enclosures with Din Rail
More results

Similar Description - CPB20

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
DV10-250 PANDUIT-DV10-250 Datasheet
54Kb / 1P
FEMALE DISCONNECTS, VINYL INSULATED
DNFR14-206FIB PANDUIT-DNFR14-206FIB Datasheet
69Kb / 1P
RIGHT ANGLE FULLY INSULATED FEMALE DISCONNECTS
logo
List of Unclassifed Man...
HBLDS6SSAC ETC2-HBLDS6SSAC Datasheet
891Kb / 12P
Manual Motor Controllers and Disconnects
logo
Molex Electronics Ltd.
0640031600 MOLEX11-0640031600 Datasheet
31Kb / 1P
Hand Crimp Tool Krimptite Quick Disconnects
logo
TE Connectivity Ltd
PCFN TEC-PCFN Datasheet
1Mb / 2P
Electrical grid disconnects
logo
List of Unclassifed Man...
B221-30F ETC1-B221-30F Datasheet
676Kb / 2P
Fused and non-fused HVAC disconnects
logo
Maxim Integrated Produc...
MAX1797EVKIT MAXIM-MAX1797EVKIT Datasheet
96Kb / 4P
Output Disconnects from Input During Shutdown
Rev 0; 2/01
logo
Molex Electronics Ltd.
64003-1500 MOLEX-64003-1500 Datasheet
519Kb / 9P
Tool Kit for High Temperature Female Quick Disconnects
01-08-14
logo
ABB
ERG4006 ABB-ERG4006 Datasheet
81Kb / 2P
ERGO CRIMP TOOL RZ,110 DISCONNECTS
2022
logo
Littelfuse
24025-03 LITTELFUSE-24025-03 Datasheet
352Kb / 1P
INTERMITTENT DUTY SINGLE POLE BATTERY DISCONNECTS
2019 Rev: 020819
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com