Electronic Components Datasheet Search
  English  ▼

X  

INA138NA/3K Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # INA138NA/3K
Description  High-Side Measurement Current Shunt Monitor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA138NA/3K Datasheet(HTML) 5 Page - Texas Instruments

  INA138NA/3K Datasheet HTML 1Page - Texas Instruments INA138NA/3K Datasheet HTML 2Page - Texas Instruments INA138NA/3K Datasheet HTML 3Page - Texas Instruments INA138NA/3K Datasheet HTML 4Page - Texas Instruments INA138NA/3K Datasheet HTML 5Page - Texas Instruments INA138NA/3K Datasheet HTML 6Page - Texas Instruments INA138NA/3K Datasheet HTML 7Page - Texas Instruments INA138NA/3K Datasheet HTML 8Page - Texas Instruments INA138NA/3K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
INA138, INA168
www.ti.com
SBOS122D – DECEMBER 1999 – REVISED DECEMBER 2014
6.5 Electrical Characteristics
All other characteristics at TA = +25°C, VS = 5V, VIN+ = 12V, and ROUT = 125kΩ, unless otherwise noted.
INA138
INA168
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
INPUT
Full-Scale Sense Voltage
VSENSE = VIN+ – VIN–
100
500
100
500
mV
Common-Mode Input Range
2.7
36
2.7
60
V
100
120
dB
Common-Mode Rejection
VIN+ = 2.7V to 40V, VSENSE = 50mV
100
120
dB
Offset Voltage
±0.2
±1
±0.2
±1
mV
Offset Voltage Over Temperature (1)
TA = –40°C to +125°C
±2
±2
Offset Voltage vs Temperature (1)
TA = –40°C to +125°C
1
1
µV/°C
Offset Voltage
V– = 2.7V to 40V, VSENSE = 50mV
0.1
10
1
µV/V
Offset Voltage vs Power Supply, V+
V– = 2.7V to 60V, VSENSE = 50mV
0.1
10
Input Bias Current
2
2
µA
Input Bias Current vs Temperature
TA = –40°C to +125°C
10
OUTPUT
TA = +25°C,
Transconductance
198
200
202
198
200
202
µA/V
VSENSE = 10mV – 150mV
VSENSE = 100mV,
Transconductance vs Temperature
196
204
196
204
µA/V
TA = –40°C to +125°C
Transconductance Over Temperature
TA = –40°C to +125°C
10
10
nA/°C
Nonlinearity Error
VSENSE = 10mV to 150mV
±0.01%
±0.1%
±0.0%
±0.1%
Total Output Error
VSENSE = 100mV
±0.5%
±2%
±0.5%
±2%
Total Output Error Over Temperature
TA = –40°C to +125°C
±2.5%
±2.5%
Output Impedance
1 || 5
1 || 5
G
Ω || pF
Voltage Output Swing to Power
(V+) – 0.8
(V+) – 1.0
(V+) – 0.8
(V+) – 1.0
V
Supply, V+
Voltage Output Swing to Common
VCM – 0.5
VCM – 0.8
VCM – 0.5
VCM – 0.8
V
Mode, VCM
FREQUENCY RESPONSE
ROUT = 5kΩ
800
800
kHz
Bandwidth
ROUT = 125kΩ
32
32
kHz
5V Step, ROUT = 5kΩ
1.8
1.8
µs
Settling Time (0.1%)
5V Step, ROUT = 125kΩ
30
30
µs
NOISE
Output-Current Noise Density
9
9
pA/
√Hz
Total Output-Current Noise
BW = 100kHz
3
3
nA RMS
POWER SUPPLY
Operating Range, V+
2.7
36
2.7
60
V
Quiescent Current
TA = +25°C, VSENSE = 0, IO = 0
25
45
25
45
µA
Quiescent Current Over Temperature
TA = –40°C to +125°C
60
60
µA
TEMPERATURE RANGE
Specification, TMIN to TMAX
–40
125
–40
125
°C
Operating
–55
150
–55
150
°C
Storage
–65
150
–65
150
°C
Thermal Resistance,
θJA
200
200
°C/W
(1)
Defined as the amount of input voltage, VSENSE, to drive the output to zero.
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: INA138 INA168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com