Electronic Components Datasheet Search
  English  ▼

X  

INA193AIDBVT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA193AIDBVT
Description  Current Shunt Monitor ??6 V to 80 V Common-Mode Range
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA193AIDBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA193AIDBVT Datasheet HTML 9Page - Texas Instruments INA193AIDBVT Datasheet HTML 10Page - Texas Instruments INA193AIDBVT Datasheet HTML 11Page - Texas Instruments INA193AIDBVT Datasheet HTML 12Page - Texas Instruments INA193AIDBVT Datasheet HTML 13Page - Texas Instruments INA193AIDBVT Datasheet HTML 14Page - Texas Instruments INA193AIDBVT Datasheet HTML 15Page - Texas Instruments INA193AIDBVT Datasheet HTML 16Page - Texas Instruments INA193AIDBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
A1
A2
RL
(1)
VIN+
VIN
V+
OUT
INA193-INA198
R1
(1)
5 k:
G = 20, RL = 100 k:
G = 50, RL = 250 k:
G = 100, RL = 500 k:
R1
(1)
5 k:
GND
INA193, INA194, INA195
INA196, INA197, INA198
www.ti.com
SBOS307G – MAY 2004 – REVISED JANUARY 2015
Feature Description (continued)
The differential input voltage, (VIN+) − (VIN−) applied across RS, is converted to a current through a resistor. This
current is converted back to a voltage through RL, and then amplified by the output buffer amplifier. When the
common-mode voltage is negative, amplifier A1 is active. The differential input voltage, (VIN+) − (VIN−) applied
across RS, is converted to a current through a resistor. This current is sourced from a precision current mirror
whose output is directed into RL converting the signal back into a voltage and amplified by the output buffer
amplifier. Patent-pending circuit architecture ensures smooth device operation, even during the transition period
where both amplifiers A1 and A2 are active.
(1) Nominal resistor values are shown. ±15% variation is possible. Resistor ratios are matched to ±1%.
Figure 21. INA193-INA198 Simplified Circuit Diagram
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: INA193 INA194 INA195 INA196 INA197 INA198



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com