Electronic Components Datasheet Search
  English  ▼

X  

INA206 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # INA206
Description  Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA206 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA206 Datasheet HTML 6Page - Texas Instruments INA206 Datasheet HTML 7Page - Texas Instruments INA206 Datasheet HTML 8Page - Texas Instruments INA206 Datasheet HTML 9Page - Texas Instruments INA206 Datasheet HTML 10Page - Texas Instruments INA206 Datasheet HTML 11Page - Texas Instruments INA206 Datasheet HTML 12Page - Texas Instruments INA206 Datasheet HTML 13Page - Texas Instruments INA206 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
50
100
150
200
250
300
350
V
SENSE (mV)
450
400
500
0.1
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
Common--Mode Voltage (V)
76
...
80
–8
8
–4
4
0
–12
12
–16
16
20
20
18
16
14
12
10
8
6
4
2
0
20
100
500
400
300
200
600
700
V
(mV)
SENSE
900
800
50V/V
20V/V
100V/V
140
130
120
110
100
90
80
70
60
50
40
10
100
10k
1k
Frequency (Hz)
100k
CMRR
PSR
45
40
35
30
25
20
15
10
5
10k
100k
Frequency (Hz)
1M
G = 100
C
LOAD = 1000pF
G = 50
G=20
45
40
35
30
25
20
15
10
5
10k
100k
Frequency (Hz)
1M
G = 100
G=50
G=20
INA206, INA207, INA208
SBOS360F – JUNE 2006 – REVISED NOVEMBER 2015
www.ti.com
7.9 Typical Characteristics
All specifications at TA = 25°C, VS = 12 V, VIN+ = 12 V, and VSENSE = 100 mV, unless otherwise noted.
Figure 2. Gain vs Frequency
Figure 3. Gain vs Frequency
Figure 5. Common-Mode and Power-Supply Rejection vs
Figure 4. Gain Plot
Frequency
Figure 6. Output Error vs VSENSE
Figure 7. Output Error vs Common-Mode Voltage
10
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: INA206 INA207 INA208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com