Electronic Components Datasheet Search
  English  ▼

X  

INA138NA Datasheet(PDF) 13 Page - Texas Instruments

Part # INA138NA
Description  High-Side Measurement Current Shunt Monitor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA138NA Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA138NA Datasheet HTML 9Page - Texas Instruments INA138NA Datasheet HTML 10Page - Texas Instruments INA138NA Datasheet HTML 11Page - Texas Instruments INA138NA Datasheet HTML 12Page - Texas Instruments INA138NA Datasheet HTML 13Page - Texas Instruments INA138NA Datasheet HTML 14Page - Texas Instruments INA138NA Datasheet HTML 15Page - Texas Instruments INA138NA Datasheet HTML 16Page - Texas Instruments INA138NA Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
40
30
R =
L
50kΩ
20
10
R =
L
5kΩ
0
R =
L
500kΩ
–10
–20
C =
L
10nF
C =
L
1nF
C =
L
100pF
100
1k
10k
100k
1M
10M
Frequency (Hz)
INA138, INA168
www.ti.com
SBOS122D – DECEMBER 1999 – REVISED DECEMBER 2014
Typical Applications (continued)
8.2.2.2 Detailed Design Procedure
A low-pass filter can be formed at the output of the INA138 or INA168 devices simply by placing a capacitor of
the desired value in parallel with the load resistor. First determine the value of the load resistor needed to
achieve the desired gain. Refer to the table in Figure 9. Next, determine the capacitor value that will result in the
desired cutoff frequency according to the equation shown in Figure 12. Figure 13 illustrates various combinations
of gain settings (determined by RL) and filter capacitors.
8.2.2.3 Application Curve
Figure 13. Gain vs Frequency
8.2.3 Offsetting the Output Voltage
For many applications using only a single power supply it may be required to level shift the output voltage away
from ground when there is no load current flowing in the shunt resistor. Level shifting the output of the INA138 or
INA168 devices is easily accomplished by one of two simple methods shown in Figure 14. The method on the
left hand side of Figure 14 illustrates a simple voltage divider method. This method is useful for applications that
require the output of the INA138 or INA168 devices to remain centered with respect to the power supply at zero
load current through the shunt resistor. Using this method the gain is determine by the parallel combination of R1
and R2 while the output offset is determined by the voltage divider ratio R1 and R2. For applications that may
require a fixed value of output offset, independent of the power supply voltage, the current source method shown
on the right-hand side of Figure 14 is recommended. With this method a REF200 constant current source is used
to generate a constant output offset. Using his method the gain is determined by RL and the offset is determined
by the product of the value of the current source and RL.
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: INA138 INA168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com