Electronic Components Datasheet Search
  English  ▼

X  

INA250 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # INA250
Description  Current-Shunt Monitor with Precision Integrated Shunt Resistor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA250 Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA250 Datasheet HTML 17Page - Texas Instruments INA250 Datasheet HTML 18Page - Texas Instruments INA250 Datasheet HTML 19Page - Texas Instruments INA250 Datasheet HTML 20Page - Texas Instruments INA250 Datasheet HTML 21Page - Texas Instruments INA250 Datasheet HTML 22Page - Texas Instruments INA250 Datasheet HTML 23Page - Texas Instruments INA250 Datasheet HTML 24Page - Texas Instruments INA250 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
Time (0.5 ms/div)
C036
0 A
12 V
Output B
Outut A
Input
CBYPASS
0.1 µF
2.7-V to 36-V
Supply
-
+
IN-
IN+
GND
REF
VS
OUT
CBYPASS
0.1 µF
2.7-V to 36-V
Supply
Supply
-
+
To REF of Second
Channel
IN-
IN+
GND
REF
VS
OUT
From Out of
First Channel
Paralleled
Output
Load
INA250A1, INA250A2, INA250A3, INA250A4
www.ti.com
SBOS511B – APRIL 2015 – REVISED DECEMBER 2015
Typical Applications (continued)
8.2.2 Parallel Multiple INA250 Devices for Higher Current
Figure 39. Parallel Summing Configuration
8.2.2.1 Design Requirements
The parallel connection for multiple INA250 devices can be used to reduce the equivalent overall sense
resistance, enabling monitoring of higher current levels than a single device is able to accommodate alone. This
configuration also uses a summing arrangement, as described in the Current Summing section. A parallel
summing configuration is shown in Figure 39.
8.2.2.2 Detailed Design Procedure
With a summing configuration the output of the first channel is fed into the reference input of the second, adding
the distributed measurements back together into a single measured value.
8.2.2.3 Application Curve
VS = 24 V, VREF = 12 V
Figure 40. Parallel Configuration Output Response
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: INA250A1 INA250A2 INA250A3 INA250A4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com