Electronic Components Datasheet Search
  English  ▼

X  

ADLQM87PC Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # ADLQM87PC
Description  cpu tdp 37w to 47w
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADLQM87PC Datasheet(HTML) 1 Page - ADL Embedded Solutions

  ADLQM87PC Datasheet HTML 1Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PCIe/104
Data subject to change without notice.
ADL Embedded Solutions GmbH, Eiserfelder Straße 316 D-57080 Siegen,
ADL Embedded Solutions Inc., 4411 Morena Blvd., Suite 101
Germany P. +49 (0) 271 250 810 0 F. +49 (0) 271 250 810 20
San Diego, CA 92117-4345 P. +1 858 490-0597 F. +1 858 490-0599
e-mail: sales@adl-europe.com; web: www.adl-europe.com
e-mail: sales@adl-usa.com; web: www.adl-usa.com
ADLQM87PC
4th Gen Intel® Core™ Processors w/ Intel 8-Series Chipset
Item Code
Part #
Description
PCIe/104 Board
ADLQM87PC-4700EQ
292750
4th Generation Intel Core i7 2.4GHz 4C, 6M, 47W TDP
ADLQM87PC-4400E
292752
4th Generation Intel Core i5 2.7GHz 2C, 3M, 37W TDP
Memory
4GB DDR3L-1333/1600
997600
DDR3L-1333/1600MHz 4GB Standard Temperature
8GB DDR3L-1333/1600
997601
DDR3L-1333/1600MHz 8GB Standard Temperature
4GB DDR3L-1333/1600-EX
997602
DDR3L-1333/1600MHz 4GB Extended Temperature
8GB DDR3L-1333/1600-EX
997604
DDR3L-1333/1600MHz 8GB Extended Temperature
Options
ADL-ET
290000
Extended Temperature Screening (–40C to +85C)
UNDERFILL
807707
BGA underfill req’d for <1nm BGA solderballs w/ Ext Temp
COATING
807706
Conformal Coating
UNDERFILL/BONDING/
807709
Underfilling, Bonding, and Conformal Coating
Thermal Solutions
ADLQM87PC-SP0600
292760
0.600” Cu-Enhanced Heat Spreader
ADLQM87PC-SP1000
292761
1.000” Cu-Enhanced Heat Spreader
Precision Stand-Offs 293406 or 293436 are recommended for use with the above thermal solutions
ADLQM87PC-FANSINK
292762
Cu-Enhanced Heatsink with Dual-Fan combo
Description
The ADLQM87PC delivers the industry’s highest GIPS per in2 and the most densely-
packed comprehensive set of features. The ADLQM87PC’s 17 in2 footprint features
4th generation Intel Core processors with Intel 8-series QM87 PCH chipset, on-
board Mini PCIe/mSATA socket for on-board WiFi, GPS, bootable flash storage, a
Trusted Platform Module (TPM v1.2), 2xUSB 3.0, up to 8GB 1.35V DDR3L, 4x
SATA 6 Gb/s, 2x GLAN, DisplayPort, HDMI/DVI, VGA, 8x USB 2.0, etc…all with a
smaller footprint and height than a basic COM-Express module with greater temper-
ature range and ruggedness.
The ADLQM87PC features a vastly improved HD4600 graphics engine with 2x the
performance of the previous 2nd generation Intel Core graphics. It is ideal for space-
constrained, rugged, or extended temperature applications where multi-core proces-
sor performance is critical. It brings unparalleled performance to countless applica-
tions such as radar and sonar processing, image signal processing, tactical com-
mand and control, surveillance and reconnaissance, transportation and railway.
ADLQM87PC support includes 3D CAD modeling support and full system design
services which include custom chassis design and system integration services.
Please contact your sales representative for more information
.
NEW! ADLSST System Sensor Technology Utility
The ADLSST System Sensor Technology v2.0 utility brings to the Linux environment
the same type of CPU health monitor functions that have previously been readily
available only in the Windows environment. Click here to download the drivers.
Features
4th Gen Intel® Core™ Dual and Quad Core; BGA1364
Intel® 8-Series PCH Lynx Point QM87 Chipset
CPU TDP 37W to 47W
Up to 8 GB DDR3L-1333/1600; 1.35V SoDIMM204 Socket
Type 1 Bottom-Stacking PCIe/104 V2.01 with Gen2 PCIe x1 Lanes
and Gen3 PEG x16
4x SATA 6 Gb/s with RAID 0/1/5/10, Backward Compatible
2x 10/100/1000 Mbit Ethernet LAN Port
2x RS232 COM Ports
13x USB 2.0 Total: 8x Onboard, 2x PCIe Connector, 1x Mini PCIe
Socket, 2x USB 3.0
2x USB 3.0, Backward USB 2.0 Compatible
Onboard VGA/DVI, HDMI/DisplayPort, and eDP
Three Independent Displays
Discrete 16bit GPIO Port
7.1 HD Audio with SPDIF In/Out
Trusted Platform Module; TPM V1.2 (ATMEL® AT97SC3205)
PCI Express Mini Card 1.2 Socket: Compatible with Mini PCIe or
mSATA modules
Windows 7, Windows 8, Windows 10, Linux Compatible
4.5” x 3.8” (115mm x 96mm) PCI/104-Express v1.0a Form Factor
Input Power = 5VDC, 5VS, 12VDC
Ordering Information


Similar Part No. - ADLQM87PC

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ADLQM87PC ADL-ADLQM87PC Datasheet
213Kb / 2P
Surveillance and reconnaissance
ADLQM87PC-4400E ADL-ADLQM87PC-4400E Datasheet
213Kb / 2P
Surveillance and reconnaissance
ADLQM87PC-4700EQ ADL-ADLQM87PC-4700EQ Datasheet
213Kb / 2P
Surveillance and reconnaissance
ADLQM87PC-CK ADL-ADLQM87PC-CK Datasheet
839Kb / 1P
ADLQM87PC Cable Kit
ADLQM87PC-CK ADL-ADLQM87PC-CK Datasheet
424Kb / 3P
Rugged SFF Vision Board Solution
More results

Similar Description - ADLQM87PC

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M57727 MITSUBISHI-M57727 Datasheet
123Kb / 3P
144-148MHz 12.5V,37W,SSB MOBILE RADIO???????
M57788HR MITSUBISHI-M57788HR Datasheet
52Kb / 3P
450-470MHz, 13.5V, 47W, FM MOBILE RADIO
M57788LR MITSUBISHI-M57788LR Datasheet
54Kb / 3P
400-430MHz, 13.5V, 47W, FM MOBILE RADIO
logo
Panasonic Semiconductor
AN7164N PANASONIC-AN7164N Datasheet
54Kb / 3P
BTL 47W Audio Power Amplifier Circuit
logo
Power Integrations, Inc...
TOP245P POWERINT-TOP245P_1 Datasheet
612Kb / 25P
Title 32W (47W peak) Multiple Output supply
logo
STMicroelectronics
TDA7854 STMICROELECTRONICS-TDA7854 Datasheet
167Kb / 12P
4 x 47W MOSFET quad bridge power amplifier
04-Oct-2007
logo
Toshiba Semiconductor
TB2959HQ TOSHIBA-TB2959HQ Datasheet
515Kb / 24P
Maximum Power 47W BTL 4-ch Audio Power IC
logo
ADL Embedded Solutions
ADLE3800PC ADL-ADLE3800PC Datasheet
589Kb / 1P
cpu tdp 8w to 10w
ADLE3800HD ADL-ADLE3800HD Datasheet
467Kb / 1P
cpu tdp 8w to 10w
logo
SynQor Worldwide Headqu...
PQ60015SMX25 SYNQOR-PQ60015SMX25 Datasheet
935Kb / 15P
Delivers up to 37W of output power with minimal derating
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com