Electronic Components Datasheet Search
  English  ▼

X  

ZR01F Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # ZR01F
Description  Inverted Series Suppressor Network
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

ZR01F Datasheet(HTML) 1 Page - Digitron Semiconductors

  ZR01F Datasheet HTML 1Page - Digitron Semiconductors ZR01F Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High-reliability discrete products
and engineering services since 1977
ZR01F
InvertedSeriesSuppressorNetwork
Rev. 20130822
FEATURES:
Designed for use as relay suppression circuit applications.
Glass ZR01F package.
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
MAXIMUM RATINGS
Ratings
Symbol
Value
Unit
Zener diode power dissipation
PD
1.5
Watts
Rectifier maximum average forward current @ TA = 75°C
IAV
1.0
Amps
Rectifier maximum peak reverse voltage
VRWM
600
Volts
Storage temperature range
Tstg
70 to +175
°C
Operating temperature range
TJ
70 to +150
°C
Solder temperature
TSP
260 maximum 10sec
°C
ELECTRICAL CHARACTERISTICS @ 25°C unless otherwise noted
Parameters
Symbol
Min
Max
Unit
Zener voltage
IZT = 1.5mA, TP = 10ms
VZ
33
39
Volts
Zener voltage
IZT = 1.5mA, TP = 10ms, TA = 125°C
VZ
36
43
Volts
Zener voltage
IZT = 1.5mA, TP = 10ms, TA = -55°C
VZ
30
38
Volts
Maximum zener reverse current
VR = 24V
IR
0.1
µA
Minimum diode breakdown voltage
IR = 20µA
VBR
600
Volts
Maximum diode reverse current
VR = 480V
IR
1
µA


Similar Part No. - ZR01F

ManufacturerPart #DatasheetDescription
logo
STEGO Elektrotechnik Gm...
ZR011 STEGO-ZR011 Datasheet
367Kb / 1P
DUAL THERMOSTAT
08.03.2022
logo
Digitron Semiconductors
ZR01A DIGITRON-ZR01A Datasheet
172Kb / 2P
Inverted Series Suppressor Network
ZR01B DIGITRON-ZR01B Datasheet
172Kb / 2P
Inverted Series Suppressor Network
ZR01C DIGITRON-ZR01C Datasheet
172Kb / 2P
Inverted Series Suppressor Network
ZR01D DIGITRON-ZR01D Datasheet
172Kb / 2P
Inverted Series Suppressor Network
More results

Similar Description - ZR01F

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDA7Q24L COMCHIP-CDA7Q24L Datasheet
106Kb / 1P
Diode Network / ESD Suppressor
CDA4S14L COMCHIP-CDA4S14L Datasheet
68Kb / 1P
Diode Network / ESD Suppressor
CDA2Q20L COMCHIP-CDA2Q20L Datasheet
108Kb / 1P
Diode Network / ESD Suppressor
CDA3S06G COMCHIP-CDA3S06G Datasheet
53Kb / 1P
Diode Network / ESD Suppressor
logo
Digitron Semiconductors
ZR01D DIGITRON-ZR01D Datasheet
172Kb / 2P
Inverted Series Suppressor Network
ZR01C DIGITRON-ZR01C Datasheet
172Kb / 2P
Inverted Series Suppressor Network
ZR01B DIGITRON-ZR01B Datasheet
172Kb / 2P
Inverted Series Suppressor Network
ZR01A DIGITRON-ZR01A Datasheet
172Kb / 2P
Inverted Series Suppressor Network
ZR02A DIGITRON-ZR02A Datasheet
114Kb / 2P
Inverted Series Suppressor Network
ZR01E DIGITRON-ZR01E Datasheet
195Kb / 2P
Inverted Series Suppressor Network
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com