Electronic Components Datasheet Search
  English  ▼

X  

3GHZ Datasheet(PDF) 3 Page - Emcore Corporation

Part # 3GHZ
Description  Fiber Optic Links
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

3GHZ Datasheet(HTML) 3 Page - Emcore Corporation

  3GHZ Datasheet HTML 1Page - Emcore Corporation 3GHZ Datasheet HTML 2Page - Emcore Corporation 3GHZ Datasheet HTML 3Page - Emcore Corporation 3GHZ Datasheet HTML 4Page - Emcore Corporation 3GHZ Datasheet HTML 5Page - Emcore Corporation 3GHZ Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
WIRELESS
satcom-sales@emcore.com
www.emcore.com
Information contained herein is deemed to be reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specifications at any time without notice.
© 2016 EMCORE Corporation
| REV 2016.01
+1 626-293-3400
DATASHEET | JANUARY 2016
Alarm and Monitoring Circuit Diagram
3 GHz and 6 GHz Fiber Optic Links
Wireless Applications
Parameter
Min
Max
Unit
Storage Temperature
-40
85
° C
Operating Temperature
-20
70
° C
DC Supply Voltage
+11.5
+12.5
V
Maximum TX RF Input (No RF pre-Amplifier)
-
+15
dBm
Maximum RX Optical Input
-
4
mW
Absolute Maximum Rating
Pin #
Function
1
Laser Enable (+12VDC = laser ON)
2
NC
3
NC
4
12 V (400 mA max)
5
Ground
6
Laser Bias Monitor (0.1 V = 10 mA)
7
Laser Bias Alarm (open collector, 25 mA)
8
Received Power Monitor (1 V = 1 mW)
9
Received Power Alarm (open collector, 25 mA)
Monitor Configuration (RS-232, DB-9 Connector)
LED Indicator
Green
Red
Transmitter
Laser Bias Current Normal < 110 mA
Laser Bias Current Fault
Receiver
Input Optical Power Normal > -10 dBm
Input Optical Power Fault
Unit Status LED Indicator



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com