Electronic Components Datasheet Search
  English  ▼

X  

NFSL172A Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NFSL172A
Description  Pb-free Reflow Soldering Application
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFSL172A Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NFSL172A Datasheet HTML 1Page - NICHIA CORPORATION NFSL172A Datasheet HTML 2Page - NICHIA CORPORATION NFSL172A Datasheet HTML 3Page - NICHIA CORPORATION NFSL172A Datasheet HTML 4Page - NICHIA CORPORATION NFSL172A Datasheet HTML 5Page - NICHIA CORPORATION NFSL172A Datasheet HTML 6Page - NICHIA CORPORATION NFSL172A Datasheet HTML 7Page - NICHIA CORPORATION NFSL172A Datasheet HTML 8Page - NICHIA CORPORATION NFSL172A Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
NICHIA STS-DA1-3953B <Cat.No.160107>
2
RANKS
Item
Rank
Min
Max
Unit
Forward Voltage
-
2.7
3.3
V
Luminous Flux
P15
60.5
72.0
lm
P14
51.0
60.5
P13
42.8
51.0
P12
36.0
42.8
Color Ranks
Rank e1
x
0.3897
0.3988
0.4162
0.4390
0.4255
0.4053
y
0.3823
0.4116
0.4200
0.4310
0.4000
0.3907
Rank e2
x
0.3822
0.3897
0.4053
0.4255
0.4129
0.3954
y
0.3580
0.3823
0.3907
0.4000
0.3725
0.3642
Rank sw35
x
0.3898
0.3996
0.4299
0.4147
y
0.3716
0.4015
0.4165
0.3814
* Ranking at TS=25°C.
* Forward Voltage Tolerance: ±0.05V
* Luminous Flux Tolerance: ±7%
* Chromaticity Coordinate Tolerance: ±0.01
* LEDs from the above ranks will be shipped.
The rank combination ratio per shipment will be decided by Nichia.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com