Electronic Components Datasheet Search
  English  ▼

X  

KXR94 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # KXR94
Description  Accelerometers and Inclinometers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KXR94 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  KXR94 Datasheet HTML 1Page - List of Unclassifed Manufacturers KXR94 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KXR94 Series
Accelerometers and Inclinometers
Small Package - 5x5x1.2mm DFN
Multiplexed Analog or Digital SPI Interface
Internal 1KHz Low Pass Filter
Low Noise
Lead-free Solderability
Excellent Temperature Performance
High Shock Survivability
Low Power Consumption
User Definable Bandwidth
Factory Programmable Offset and Sensitivity
Self-test Function
FEATURES
“Kionix” is a registered trademark of Kionix, Inc. Products described herein are protected by patents issued or pending. Information provided
in this document is believed to be accurate and reliable but is not guaranteed. Kionix does not assume responsibility for its use or distribution.
No license is granted by implication or otherwise under any patent or other rights of Kionix. Kionix reserves the right to change product
specifications or discontinue this product at any time without prior notice.
© Kionix 2012 All Rights Reserved
January 26, 2012 Rev. 2.3
Page 1 of 2
These high-performance silicon micromachined linear accelerometers and
inclinometers consist of a sensor element and an ASIC packaged in a
5x5x1.2mm Dual Flat No-lead (DFN). The sensor element is fabricated from
single-crystal silicon with proprietary Deep Reactive Ion Etching (DRIE)
processes, and is protected from the environment by a hermetically-sealed
silicon cap at the wafer level.
The KXR94 series is designed to provide a high signal-to-noise ratio with
integrated temperature compensation that provides excellent performance
over temperature. These sensors can accept supply voltages between 2.5V
and 5.25V. Sensitivity is factory programmable allowing customization for
applications requiring from ±1.0g to ±4.0g ranges. Sensor bandwidth is
user-definable.
The sensor element functions on the principle of differential capacitance.
Acceleration causes displacement of a silicon structure resulting in a
change in capacitance. An ASIC, using a standard CMOS manufacturing
process, detects and transforms changes in capacitance into an analog out-
put voltage, which is proportional to acceleration. The sense element de-
sign utilizes common mode cancellation to decrease errors from process
variation and environmental stress. Available in analog and multiplexed
analog outputs and serial peripheral interface (SPI).
PROPRIETARY TECHNOLOGY
36 Thornwood Dr. - Ithaca, NY 14850 USA tel: 607-257-1080 - fax: 607-257-1146 - www.kionix.com - info@kionix.com
MARKETS
APPLICATIONS
\\
Stability Control
Telematics/GPS
Theft and Accident Alarms
Inertial Navigation and Dead Reckoning
Gesture Recognition
Image Stabilization
Platform Stabilization
Drill Orientation
Cell Phones and Handheld PDAs
Automotive
Personal Navigation Devices
Cameras and Video Equipment
Industrial


Similar Part No. - KXR94

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KXR94-1050 ETC2-KXR94-1050 Datasheet
320Kb / 13P
2g Tri-axis Accelerometer Specifications
KXR94-2050 ETC2-KXR94-2050 Datasheet
151Kb / 11P
2g Tri-Axis Accelerometer Specifications
KXR94-2283 ETC2-KXR94-2283 Datasheet
149Kb / 10P
2g Tri-Axis Accelerometer Specifications
KXR94-2353 ETC2-KXR94-2353 Datasheet
442Kb / 15P
짹 2g Tri-axis Digital Accelerometer Specifications
More results

Similar Description - KXR94

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KXPA4 ETC1-KXPA4 Datasheet
175Kb / 3P
Accelerometers and Inclinometers Multiplexed Analog Output
logo
Murata Manufacturing Co...
SCA100T-D07 MURATA-SCA100T-D07 Datasheet
177Kb / 2P
Accelerometers
SCA610-E23H1A MURATA-SCA610-E23H1A_17 Datasheet
177Kb / 2P
Accelerometers
SCA620-EF1V1B MURATA-SCA620-EF1V1B_17 Datasheet
177Kb / 2P
Accelerometers
SCA620-EF8H1A MURATA-SCA620-EF8H1A_17 Datasheet
177Kb / 2P
Accelerometers
SCA830-D07 MURATA-SCA830-D07_17 Datasheet
171Kb / 2P
Accelerometers
SCA1000-N1000070 MURATA-SCA1000-N1000070 Datasheet
179Kb / 2P
Accelerometers
SCA3100-D04 MURATA-SCA3100-D04 Datasheet
171Kb / 2P
Accelerometers
SCA3100-D07 MURATA-SCA3100-D07 Datasheet
171Kb / 2P
Accelerometers
logo
Murata Manufacturing Co...
SCA2120-D06 MURATA1-SCA2120-D06 Datasheet
117Kb / 2P
Accelerometers
12/26/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com