Electronic Components Datasheet Search
  English  ▼

X  

WT2F-P240 Datasheet(PDF) 3 Page - SICK AG

Part # WT2F-P240
Description  Photoelectric proximity sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WT2F-P240 Datasheet(HTML) 3 Page - SICK AG

  WT2F-P240 Datasheet HTML 1Page - SICK AG WT2F-P240 Datasheet HTML 2Page - SICK AG WT2F-P240 Datasheet HTML 3Page - SICK AG WT2F-P240 Datasheet HTML 4Page - SICK AG WT2F-P240 Datasheet HTML 5Page - SICK AG WT2F-P240 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Photoelectric sensorsAAAAAAAAAAAAA© SICK AG. Subject to change without notice.AAAAAAAAAAAAA2/2/2016 2:01:08 AM
1) +- 10 % 2) May not exceed or fall below Uv tolerances 3) Signal transit time with resistive load 4) With light/dark ratio 1:1 5) Do not bend below 0 °C 6) A = VS
connections reverse-polarity protected 7) C = interference suppression 8) D = outputs overcurrent and short-circuit protected
Switching frequency:
1,000 Hz 4)
Connection type:
Cable with connector M8, 3-pin, 200 mm 5)
Cable material:
PVC
Cable diameter:
2.4 mm
Circuit protection:::
A, C, D 6) 7) 8)
Weight:
20 g
Polarisation filter:
-
Special device:
-
Reverse polarity protection:
ü
Short-circuit protection:
ü
Optics material:
PC
Enclosure rating:
IP 67
Ambient operating temperature:
-20 °C ... +55 °C
Ambient storage temperature:
-40 °C ... +75 °C
Signal voltage PNP HIGH/LOW:
Approx. VS - 1.8 V ∕ 0 V
Signal voltage NPN HIGH/LOW:
Approx. VS ∕ < 1.8 V
Housing material:
Plastic, PC
Dimensional drawing



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com