Electronic Components Datasheet Search
  English  ▼

X  

WT2F-P280 Datasheet(PDF) 2 Page - SICK AG

Part # WT2F-P280
Description  Photoelectric proximity sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WT2F-P280 Datasheet(HTML) 2 Page - SICK AG

  WT2F-P280 Datasheet HTML 1Page - SICK AG WT2F-P280 Datasheet HTML 2Page - SICK AG WT2F-P280 Datasheet HTML 3Page - SICK AG WT2F-P280 Datasheet HTML 4Page - SICK AG WT2F-P280 Datasheet HTML 5Page - SICK AG WT2F-P280 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Photoelectric sensorsAAAAAAAAAAAAA© SICK AG. Subject to change without notice.AAAAAAAAAAAAA2/2/2016 2:01:51 AM
Photoelectric sensors
W2 Flat, Photoelectric proximity sensor, energetic
1) 2) Object with 90 % reflectance (referred to standard white, DIN 5033) 3) Average service life: 100,000 h at TU = +25 °C
Type
> WT2F-P280
Part No.
> 6030574
At a glance
V-optic sensor with fixed sensing ranges of 9 mm or 18 mm for detecting
transparent and glossy objects
•
Energetic proximity sensor with fixed sensing ranges of 34 or 115 mm
•
Rugged housing with metal sleeves for 2 mm fixing screws included with delivery
•
0.5 ms response time
•
IP 67 enclosure rating
•
Red light
•
Your benefits
Variants with V-optics reliably detect transparent and glossy objects, resulting in a
low-cost application solution - even for demanding applications
•
Smart, optimal design fits into small spaces, providing increased application
flexibility
•
Sensors with four fixed sensing ranges provides a wide range of application
options
•
Quick and easy installation since sensors can be mounted directly to the machine
•
Illustration may differ
Features
Sensor/detection principle:
Photoelectric proximity sensor, energetic
Dimensions (W x H x D):
14 mm x 19.5 mm x 3.5 mm
Housing design (light emission):
Rectangular
Sensing range max.:
4 mm ... 115 mm 1)
Sensing range:
4 mm ... 115 mm 2)
Type of light:
Visible red light
Light source:
LED 3)
Wave length:
660 nm
Focus adjustable:
-
Mechanics/electronics
Supply voltage:
12 V DC ... 24 V DC 1)
Ripple:
≤ 5 Vpp 2)
Output type:
PNP
Switching mode:
Light switching
Output current Imax.:
≤ 50 mA
Response time:
≤ 0.5 ms 3)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com