Electronic Components Datasheet Search
  English  ▼

X  

54AC251 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC251
Description  8-Input Multiplexer with TRI-STATE Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC251 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  54AC251 Datasheet HTML 1Page - National Semiconductor (TI) 54AC251 Datasheet HTML 2Page - National Semiconductor (TI) 54AC251 Datasheet HTML 3Page - National Semiconductor (TI) 54AC251 Datasheet HTML 4Page - National Semiconductor (TI) 54AC251 Datasheet HTML 5Page - National Semiconductor (TI) 54AC251 Datasheet HTML 6Page - National Semiconductor (TI) 54AC251 Datasheet HTML 7Page - National Semiconductor (TI) 54AC251 Datasheet HTML 8Page - National Semiconductor (TI) 54AC251 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Connection Diagrams
Functional Description
This device is a logical implementation of a single-pole,
8-position switch with the switch position controlled by the
state of three Select inputs, S
0,S1,S2.
Both true and
complementary outputs are provided. The Output Enable in-
put ( OE) is active LOW. When it is activated, the logic func-
tion provided at the output is:
Z = OE
•
(I
0 • S0 • S1 • S2 +I1• S0 • S1 • S 2 +
I
2 • S0 • S 1 • S2 +I3 • S 0 • S1 • S2 +
I
4 • S0 • S1 • S2 +I5 • S 0 • S1 • S2 +
I
6 • S0 • S 1 • S2 +I7 • S0 • S1 • S2)
When the Output Enable is HIGH, both outputs are in the
high impedance (High Z) state. This feature allows multi-
plexer expansion by tying the outputs of up to 128 devices
together. When the outputs of the TRI-STATE devices are
tied together, all but one device must be in the high imped-
ance state to avoid high currents that would exceed the
maximum ratings. The Output Enable signals should be de-
signed to ensure there is no overlap in the active-LOW por-
tion of the enable voltages.
Truth Table
Inputs
Outputs
OE
S
2
S
1
S
0
Z
Z
H
XXX
Z
Z
LLLL
I
0
I
0
LLL
H
I
1
I
1
L
LHLI
2
I
2
LL
H
H
I
3
I
3
LHL
LI
4
I
4
LHLH
I
5
I
5
LH
HLI
6
I
6
L
HHHI
7
I
7
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
Z = High Impedance
Pin Assignment
for DIP and Flatpak
DS100284-3
Pin Assignment
for LCC
DS100284-4
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com