Electronic Components Datasheet Search
  English  ▼

X  

25296 Datasheet(PDF) 1 Page - Alpha Wire

Part # 25296
Description  6 Components Cabled
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

25296 Datasheet(HTML) 1 Page - Alpha Wire

  25296 Datasheet HTML 1Page - Alpha Wire 25296 Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALPHA WIRE
CUSTOMER PRODUCT SPECIFICATION
Part Number: 25296
Issue:
13
Page 1 of 2 Pages
Issue Date:
12/20/2012
Effective Date:
1/4/2013
Although Alpha Wire Company ("Alpha") makes every reasonable effort to ensure their accuracy at the time of publication, information and specifications
described herein are subject to errors or omissions and to changes without notice, and the listing of such information and specifications does not ensure
product availability.
Alpha provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express, statutory or implied. In
no event will Alpha be liable for any damages (including consequential, indirect, incidental, special, punitive, or exemplary) whatsoever, even if Alpha has
been advised of the possibility of such damages, whether in an action under contract, negligence or any other theory, arising out of or in connection with the
use, or inability to use, the information or specifications described herein.
711 Lidgerwood Ave Elizabeth, NJ 07207-0711
Toll Free 1-800-52 ALPHA • T: 1-908-925-8000 • F: 908-925-5411 • Email: info@alphawire.com
www.alphawire.com
A.
Construction
Diameters (In)
1)
Component 1
6 X 1 PAIR
a)
Conductor
20 (7/28) AWG TC
0.038
b)
Insulation
0.016" Wall, Nom. PVC
0.070
(1) Color Code
Alpha Wire Color Code A
Pair
Color
Pair
Color
Pair
Color
1
BLACK-RED
3
BLACK-GREEN
5
BLACK-BROWN
2
BLACK-WHITE
4
BLACK-BLUE
6
BLACK-YELLOW
c)
Pair
2/Cond Cabled Together
(1) Twists:
6.0 Twists/foot (min)
2)
Cable Assembly
6 Components Cabled
a)
Twists:
3.0 Twists/foot (min)
b)
Core Wrap
Nonwoven Polyester Tape, 25% Overlap, Min.
3)
Shield:
A/P/A Tape, 25% Overlap, Min.
a)
Drain Wire
20 (7/28) AWG TC
b)
Braid
TC,70% Coverage, Min.
4)
Jacket
0.032" Wall, Nom.,Polyurethane (TPU)
0.443 (0.461 Max.)
a)
Color(s)
Slate, Black, Yellow, Orange, Blue, Green, Red, Sand Beige, White
b)
Ripcord
1 End 810 Denier Nylon
c)
Print
ALPHA WIRE-* P/N 25296
XTRAGUARD(R) 2 RU AWM 20668 VW-1 --- LLXXXXXX CSA
AWM I/II A/B 90C 300 VOLTS FT1
CE
ROHS
(SEQ FOOTAGE)
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of manufacture.]
B.
Applicable Specifications
1)
UL
a)
Component 1
AWM/STYLE 1569
105°C / 300 VRMS
b)
Overall
AWM/STYLE 20668
90°C / 300 VRMS
VW-1
2)
CSA International
AWM I/II A/B
90°C / 300 VRMS
FT1
3)
CE:
EU Low Voltage Directive 2006/95/EC
C.
Environmental Compliance
1)
CE:
EU Directive 2011/65/EU(RoHS2):
This product complies with European Directive 2011/65/EU (RoHS Directive) of the
European Parliament and of the Council of 8 June 2011. No Exemptions are
required for RoHS Compliance on this item. Consult Alpha Wire's web site
for RoHS C of C.
2)
REACH Regulation (EC 1907/2006):
This product does not contain Substances of Very High Concern (SVHC) listed on
the European Union's REACH candidate list in excess of 0.1% mass of the item. For
up-to-date information, please see Alpha's REACH SVHC Declaration.
3)
California Proposition 65:
The outer surface materials used in the manufacture of this part meet the
requirements of California Proposition 65.
D.
Physical & Mechanical Properties
1)
Temperature Range
-30 to 90°C
2)
Bend Radius
10X Cable Diameter
3)
Pull Tension
120 Lbs, Maximum
4)
Sunlight Resistance
Yes
E.
Electrical Properties
(For Engineering purposes only)
1)
Voltage Rating
300 VRMS
2)
Mutual Capacitance
32 pf/ft @1 kHz, Nominal


Similar Part No. - 25296

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
25296 ALPHAWIRE-25296 Datasheet
93Kb / 4P
Customer Specification
1/9/2023
logo
Weidmuller
2529600000 WEIDMULLER-2529600000 Datasheet
302Kb / 7P
SV-SMT 7.62HP/03/270MSF3 SC/4 2.6SN BX
2529610000 WEIDMULLER-2529610000 Datasheet
302Kb / 7P
SV-SMT 7.62HP/03/270MSF3 SC/6 2.6SN BX
2529620000 WEIDMULLER-2529620000 Datasheet
303Kb / 7P
SV-SMT 7.62HP/03/270MSF3 SC/8 2.6SN BX
2529630000 WEIDMULLER-2529630000 Datasheet
304Kb / 7P
SV-SMT 7.62HP/04/270MSF4 SC/4 2.6SN BX
More results

Similar Description - 25296

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
25276 ALPHAWIRE-25276 Datasheet
44Kb / 2P
6 Components Cabled
25452 ALPHAWIRE-25452 Datasheet
44Kb / 2P
2 Components Cabled
45104 ALPHAWIRE-45104 Datasheet
66Kb / 2P
4 Components Cabled
45106 ALPHAWIRE-45106 Datasheet
65Kb / 2P
6 Components Cabled
45116 ALPHAWIRE-45116 Datasheet
65Kb / 2P
6 Components Cabled
45156 ALPHAWIRE-45156 Datasheet
66Kb / 2P
6 Components Cabled
45166 ALPHAWIRE-45166 Datasheet
65Kb / 2P
6 Components Cabled
45196 ALPHAWIRE-45196 Datasheet
65Kb / 2P
6 Components Cabled
45386 ALPHAWIRE-45386 Datasheet
65Kb / 2P
6 Components Cabled
45466 ALPHAWIRE-45466 Datasheet
65Kb / 2P
6 Components Cabled
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com