Electronic Components Datasheet Search
  English  ▼

X  

45103 Datasheet(PDF) 1 Page - Alpha Wire

Part # 45103
Description  3 Components Cabled
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

45103 Datasheet(HTML) 1 Page - Alpha Wire

  45103 Datasheet HTML 1Page - Alpha Wire 45103 Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALPHA WIRE
CUSTOMER PRODUCT SPECIFICATION
Part Number: 45103
Issue:
15
Page 1 of 2 Pages
Issue Date:
1/19/2015
Effective Date:
1/31/2015
Although Alpha Wire Company ("Alpha") makes every reasonable effort to ensure their accuracy at the time of publication, information and specifications
described herein are subject to errors or omissions and to changes without notice, and the listing of such information and specifications does not ensure
product availability.
Alpha provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express, statutory or implied. In
no event will Alpha be liable for any damages (including consequential, indirect, incidental, special, punitive, or exemplary) whatsoever, even if Alpha has
been advised of the possibility of such damages, whether in an action under contract, negligence or any other theory, arising out of or in connection with the
use, or inability to use, the information or specifications described herein.
711 Lidgerwood Ave Elizabeth, NJ 07207-0711
Toll Free 1-800-52 ALPHA • T: 1-908-925-8000 • F: 908-925-5411 • Email: info@alphawire.com
www.alphawire.com
A.
Construction
Diameters (In)
1) Component 1
3 X 1 COND
a) Conductor
22 (7/30) AWG Tinned Copper
0.030
b) Insulation
0.016" Wall, Nom. TPE
0.062
(1) Color Code
Alpha Wire Color Code E
Cond
Color
Cond
Color
Cond
Color
1
BLACK
2
BROWN
3
RED
2) Cable Assembly
3 Components Cabled
a) Twists:
8.0 Twists/foot (min)
b) Core Wrap
Nonwoven Polyester Tape, 25% Overlap, Min.
3) Shield:
A/P/A Tape, 25% Overlap, Min.
a) Drain Wire
22 (7/30) AWG Tinned Copper
b) Braid
Tinned Copper,70% Coverage, Min.
4) Jacket
0.045" Wall, Nom.,TPE
0.256 (0.267 Max.)
a) Color(s)
Slate, Black, Yellow, Orange, Blue, Green, Red, Sand Beige, White
b) Ripcord
1 End 810 Denier Nylon
c)
Print
ALPHA WIRE-* P/N 45103 3C 22 AWG
XTRAGUARD(R) 4 (UL) TYPE PLTC 105C SUN RES OR AWM
20237/21918 125C 300 V OR
CRU AWM I/II A/B 125C 300 V FT1
P-07-KA140023-MSHA
CE
ROHS
(SEQ FOOTAGE)
* = Factory Code
B.
Applicable Specifications
1) UL
AWM/STYLE 20237
125°C / 300 VRMS
PLTC
105°C
AWM/STYLE 21918
125°C / 300 VRMS
SUN RES
2) CSA International
C(RU) AWM I/II A/B FT1
125°C / 300 VRMS
SUN RES (Black only)
3) Other
PENNSYLVANIA BUREAU OF MINE SAFETY APPROVED
4) CE:
EU Low Voltage Directive 2006/95/EC
C.
Environmental Compliance
1) CE:
EU Directive 2011/65/EU(RoHS2):
This product complies with European Directive 2011/65/EU (RoHS Directive) of the
European Parliament and of the Council of 8 June 2011. No Exemptions are
required for RoHS Compliance on this item. Consult Alpha Wire's web site for
RoHS C of C.
2) California Proposition 65:
The outer surface materials used in the manufacture of this part meet the
requirements of California Proposition 65.
D.
Physical & Mechanical Properties
1) Temperature Range
-50 to 125°C
2) Bend Radius
10X Cable Diameter
3) Pull Tension
25 Lbs, Maximum
4) Sunlight Resistance
Yes
E.
Electrical Properties
(For Engineering purposes only)
1) Voltage Rating
300 VRMS
2) Capacitance
20.2 pf/ft @1 kHz, Nominal Conductor to Conductor
3) Ground Capacitance
36 pf/ft @1 kHz, Nominal
4) Inductance
0.2 µH/ft, Nominal
5) Conductor DCR
16.4 Ω/1000ft @20°C, Nominal
6) OA Shield DCR
3.7 Ω/1000ft @20°C, Nominal


Similar Part No. - 45103

ManufacturerPart #DatasheetDescription
logo
Ashcroft, Inc.
451032H15B-X6B ASHCROFT-451032H15B-X6B Datasheet
1Mb / 4P
1032 Sanitary Pressure Gauge
RevK_11-20-23
451032H15B-X6W ASHCROFT-451032H15B-X6W Datasheet
1Mb / 4P
1032 Sanitary Pressure Gauge
RevK_11-20-23
451032H15B-XC4 ASHCROFT-451032H15B-XC4 Datasheet
1Mb / 4P
1032 Sanitary Pressure Gauge
RevK_11-20-23
451032H15B-XCF ASHCROFT-451032H15B-XCF Datasheet
1Mb / 4P
1032 Sanitary Pressure Gauge
RevK_11-20-23
451032H15B-XCZ ASHCROFT-451032H15B-XCZ Datasheet
1Mb / 4P
1032 Sanitary Pressure Gauge
RevK_11-20-23
More results

Similar Description - 45103

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
45113 ALPHAWIRE-45113 Datasheet
65Kb / 2P
3 Components Cabled
45153 ALPHAWIRE-45153 Datasheet
65Kb / 2P
3 Components Cabled
45163 ALPHAWIRE-45163 Datasheet
65Kb / 2P
3 Components Cabled
45193 ALPHAWIRE-45193 Datasheet
65Kb / 2P
3 Components Cabled
45383 ALPHAWIRE-45383 Datasheet
65Kb / 2P
3 Components Cabled
45463 ALPHAWIRE-45463 Datasheet
66Kb / 2P
3 Components Cabled
80009 ALPHAWIRE-80009 Datasheet
42Kb / 2P
3 Components Cabled
80033 ALPHAWIRE-80033 Datasheet
42Kb / 2P
3 Components Cabled
80042 ALPHAWIRE-80042 Datasheet
42Kb / 2P
3 Components Cabled
80052 ALPHAWIRE-80052 Datasheet
42Kb / 2P
3 Components Cabled
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com