Electronic Components Datasheet Search
  English  ▼

X  

45152 Datasheet(PDF) 1 Page - Alpha Wire

Part # 45152
Description  2 Components Cabled
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

45152 Datasheet(HTML) 1 Page - Alpha Wire

  45152 Datasheet HTML 1Page - Alpha Wire 45152 Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALPHA WIRE
CUSTOMER PRODUCT SPECIFICATION
Part Number: 45152
Issue:
15
Page 1 of 2 Pages
Issue Date:
1/19/2015
Effective Date:
1/31/2015
Although Alpha Wire Company ("Alpha") makes every reasonable effort to ensure their accuracy at the time of publication, information and specifications
described herein are subject to errors or omissions and to changes without notice, and the listing of such information and specifications does not ensure
product availability.
Alpha provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express, statutory or implied. In
no event will Alpha be liable for any damages (including consequential, indirect, incidental, special, punitive, or exemplary) whatsoever, even if Alpha has
been advised of the possibility of such damages, whether in an action under contract, negligence or any other theory, arising out of or in connection with the
use, or inability to use, the information or specifications described herein.
711 Lidgerwood Ave Elizabeth, NJ 07207-0711
Toll Free 1-800-52 ALPHA • T: 1-908-925-8000 • F: 908-925-5411 • Email: info@alphawire.com
www.alphawire.com
A.
Construction
Diameters (In)
1) Component 1
2 X 1 COND
a) Conductor
20 (7/28) AWG Tinned Copper
0.038
b) Insulation
0.016" Wall, Nom. TPE
0.070
(1) Color Code
Alpha Wire Color Code D
Cond
Color
Cond
Color
Cond
Color
1
BLACK
2
RED
2) Cable Assembly
2 Components Cabled
a) Twists:
8.0 Twists/foot (min)
b) Core Wrap
Nonwoven Polyester Tape, 25% Overlap, Min.
3) Shield:
A/P/A Tape, 25% Overlap, Min.
a) Drain Wire
20 (7/28) AWG Tinned Copper
b) Braid
Tinned Copper,70% Coverage, Min.
4) Jacket
0.045" Wall, Nom.,TPE
0.262 (0.273 Max.)
a) Color(s)
Slate, Black, Yellow, Orange, Blue, Green, Red, Sand Beige, White
b) Ripcord
1 End 810 Denier Nylon
c)
Print
ALPHA WIRE-* P/N 45152 2C 20 AWG
XTRAGUARD(R) 4 (UL) TYPE PLTC 105C SUN RES OR AWM
20237/21918 125C 300 V OR
CRU AWM I/II A/B 125C 300 V FT1
P-07-KA140023-MSHA
CE
ROHS
(SEQ FOOTAGE)
* = Factory Code
B.
Applicable Specifications
1) UL
AWM/STYLE 20237
125°C / 300 VRMS
PLTC
105°C
AWM/STYLE 21918
125°C / 300 VRMS
SUN RES
2) CSA International
C(RU) AWM I/II A/B FT1
125°C / 300 VRMS
SUN RES (Black only)
3) Other
PENNSYLVANIA BUREAU OF MINE SAFETY APPROVED
4) CE:
EU Low Voltage Directive 2006/95/EC
C.
Environmental Compliance
1) CE:
EU Directive 2011/65/EU(RoHS2):
This product complies with European Directive 2011/65/EU (RoHS Directive) of the
European Parliament and of the Council of 8 June 2011. No Exemptions are
required for RoHS Compliance on this item. Consult Alpha Wire's web site for
RoHS C of C.
2) California Proposition 65:
The outer surface materials used in the manufacture of this part meet the
requirements of California Proposition 65.
D.
Physical & Mechanical Properties
1) Temperature Range
-50 to 125°C
2) Bend Radius
10X Cable Diameter
3) Pull Tension
30 Lbs, Maximum
4) Sunlight Resistance
Yes
E.
Electrical Properties
(For Engineering purposes only)
1) Voltage Rating
300 VRMS
2) Capacitance
24.7 pf/ft @1 kHz, Nominal Conductor to Conductor
3) Ground Capacitance
44 pf/ft @1 kHz, Nominal
4) Characteristic Impedance
65 Ω
5) Inductance
0.19 µH/ft, Nominal
6) Conductor DCR
10.2 Ω/1000ft @20°C, Nominal


Similar Part No. - 45152

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
45152C MURATA-45152C Datasheet
145Kb / 3P
Shielded Surface Mount Power Inductors
logo
Murata Power Solutions ...
45152C MURATA-PS-45152C Datasheet
165Kb / 3P
Shielded Surface Mount Power Inductors
More results

Similar Description - 45152

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
25122 ETC2-25122 Datasheet
44Kb / 2P
2 Components Cabled
logo
Alpha Wire
25132 ALPHAWIRE-25132 Datasheet
44Kb / 2P
2 Components Cabled
25272 ALPHAWIRE-25272 Datasheet
44Kb / 2P
2 Components Cabled
25452 ALPHAWIRE-25452 Datasheet
44Kb / 2P
2 Components Cabled
25482 ALPHAWIRE-25482 Datasheet
44Kb / 2P
2 Components Cabled
45192 ALPHAWIRE-45192 Datasheet
65Kb / 2P
2 Components Cabled
45382 ALPHAWIRE-45382 Datasheet
65Kb / 2P
2 Components Cabled
80014 ALPHAWIRE-80014 Datasheet
42Kb / 2P
2 Components Cabled
80032 ALPHAWIRE-80032 Datasheet
42Kb / 2P
2 Components Cabled
80041 ALPHAWIRE-80041 Datasheet
42Kb / 2P
2 Components Cabled
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com