Electronic Components Datasheet Search
  English  ▼

X  

PP001067 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PP001067
Description  FR-PVC Power and Control Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PP001067 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PP001067 Datasheet HTML 1Page - List of Unclassifed Manufacturers PP001067 Datasheet HTML 2Page - List of Unclassifed Manufacturers PP001067 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <3>
V1.1
23/09/15
NYY-J Unshielded Multicore
FR-PVC Power and Control Cable
Part Number Table
Description
Reel Length
Part Number
NYY-J Multicore Cable, 3, 1.5mm²
50m
PP001064
NYY-J Multicore Cable, 3, 2.5mm²
PP001065
NYY-J Multicore Cable, 3, 4mm²
PP001066
NYY-J Multicore Cable, 4, 1.5mm²
PP001067
NYY-J Multicore Cable, 4, 2.5mm²
PP001068
NYY-J Multicore Cable, 4, 4mm²
PP001069
NYY-J Multicore Cable, 4, 6mm²
PP001070
NYY-J Multicore Cable, 5, 1.5mm²
PP001071
NYY-J Multicore Cable, 5, 2.5mm²
PP001072
NYY-J Multicore Cable, 5 , 4mm²
PP001073
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-POWER is the registered trademark of the Group. © Premier Farnell plc 2012.
Ambient Temperature
: 30°C
Depth of Laying
: 0.5m
Ground Temperature
: 15°C
Thermal Resistivity of Soil : 12km/w
No. of
Cores
Nominal Cross
Sectional Area
mm²
Current Carrying Capacity
In Duct
Amps
In Air
Amps
4
1.5
26
18
2.5
34
25
4
44
34
6
56
43
5
1.5
24
18
2.5
34
25
4
44
34
De-Rating Factors:
For Air Temperature other than 30°C
Air Temperature
20°C
25°C
30°C
35°C
40°C
45°C
50°C
De-Rating Factor
1.12
1.07
1
0.94
0.87
0.79
0.71



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com