Electronic Components Datasheet Search
  English  ▼

X  

PP001068 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PP001068
Description  FR-PVC Power and Control Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PP001068 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PP001068 Datasheet HTML 1Page - List of Unclassifed Manufacturers PP001068 Datasheet HTML 2Page - List of Unclassifed Manufacturers PP001068 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.1
23/09/15
NYY-J Unshielded Multicore
FR-PVC Power and Control Cable
Application:
Power and control cable for fixed installation. Can be used indoors, outdoors, underground, in concrete and in water.
Construction:
Conductor:
Class 1 solid copper conductor according to BS EN 60228
(previously BS 6360)
Insulation:
PVC (Polyvinyl Chloride)
Filler:
PVC (Polyvinyl Chloride)
Sheath:
FR-PVC (Flame Retardant - Polyvinyl Chloride)
Cable Standards
Made in accordance with the following:
BS EN/IEC 60502-1, BS EN/IEC 60332-1-2
Characteristics:
Voltage Rating (Uo/U)
600/1000V
Temperature Rating:
Fixed
: -15°C to +70°C
Flexed
: -5°C to +50°C
Min. Bending Radius:
Fixed
: 12 × overall diameter
Core Identification:
Up to and including 5 core: colour coded or number coded
Sheath Colour:
Black


Similar Part No. - PP001068

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
PP001060 MULTICOMP-PP001060 Datasheet
253Kb / 5P
H05Z-K / H07Z-K BS EN 50525-3-41 LSZH Wire
V1.0 08/05/20
PP001061 MULTICOMP-PP001061 Datasheet
253Kb / 5P
H05Z-K / H07Z-K BS EN 50525-3-41 LSZH Wire
V1.0 08/05/20
PP001062 MULTICOMP-PP001062 Datasheet
253Kb / 5P
H05Z-K / H07Z-K BS EN 50525-3-41 LSZH Wire
V1.0 08/05/20
PP001063 MULTICOMP-PP001063 Datasheet
253Kb / 5P
H05Z-K / H07Z-K BS EN 50525-3-41 LSZH Wire
V1.0 08/05/20
More results

Similar Description - PP001068

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C3128 GENERAL-C3128 Datasheet
59Kb / 1P
2C 14AWG (19/.0147") BC PVC, PVC COMMUNICATION & CONTROL CABLE
C4100A GENERAL-C4100A Datasheet
59Kb / 1P
2C 22 (7/30)TC PVC, PVC COMMUNICATION AND CONTROL CABLE
C9009ZH GENERAL-C9009ZH Datasheet
172Kb / 1P
2C22 FR-LSZH, UNSHIELDED FR-LSZH Jacket EXZEL FR-LSZH Cable
C9010ZH GENERAL-C9010ZH Datasheet
172Kb / 1P
3C22 FR-LSZH, UNSHIELDED FR-LSZH Jacket EXZEL FR-LSZH Cable
C9011ZH GENERAL-C9011ZH Datasheet
172Kb / 1P
4C22 FR-LSZH, UNSHIELDED FR-LSZH Jacket EXZEL FR-LSZH Cable
C9012ZH GENERAL-C9012ZH Datasheet
172Kb / 1P
6C22 FR-LSZH, UNSHIELDED FR-LSZH Jacket EXZEL FR-LSZH Cable
C9013ZH GENERAL-C9013ZH Datasheet
172Kb / 1P
8C22 FR-LSZH, UNSHIELDED FR-LSZH Jacket EXZEL FR-LSZH Cable
C9014ZH GENERAL-C9014ZH Datasheet
172Kb / 1P
10C22 FR-LSZH, UNSHIELDED FR-LSZH Jacket EXZEL FR-LSZH Cable
C9015ZH GENERAL-C9015ZH Datasheet
172Kb / 1P
15C22 FR-LSZH, UNSHIELDED FR-LSZH Jacket EXZEL FR-LSZH Cable
logo
List of Unclassifed Man...
CF130.UL ETC-CF130.UL Datasheet
268Kb / 2P
PVC Control cable
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com